Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC8-8R2-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # HC8-8R2-R
Description  HC8 Series HIGH CURRENT 8 Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

HC8-8R2-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  HC8-8R2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. HC8-8R2-R Datasheet HTML 2Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
• Surface mount inductors, 4.0mm height,
designed for higher speed switch mode
applications requiring low voltage and high current
• 155°C maximum total operating temperature
• Design utilizes high temperature powder iron material
with a non-organic binder to eliminate thermal aging
• Inductance offering expanded for applications
requiring higher inductance.
• Inductance Range from 0.175 uH to 47.3 uH
• Current Range from 39.0 to 2.4 Amps
• Frequency Range 1kHz to 500kHz
Applications
• Next generation microprocessors
• High current DC-DC converters
• VRM, multi-phase buck regulator
• PC, Workstations, Routers
• Telecom soft switches, Base Stations
Environmental Data
• Storage temperature range: -40°C to +155°C
• Operating ambient temperature range: -40°C to +155°C
(range is application specific)
• Solder reflow temperature: +260°C max. for 10 seconds
max.
Packaging
• Supplied in tape and reel packaging, 800 parts per reel
Part
Rated
OCL (1)
Irms (2)
Isat (3)
Isat (4)
DCR (m
Ω)
Volts (5)
Number
Inductance
nominal
Amperes
Amperes
Amperes
max. @
µSec (VµS)
µH
+/-20% µH
(Typ.)
15% rolloff
30% rolloff
20°C
(ref.)
HC8-R15-R
0.15
0.175
39.0
43
76
0.80
1.5
HC8-R39-R
0.39
0.390
28.3
26
45
1.55
2.5
HC8-R75-R
0.75
0.766
18.8
18.5
32.7
3.40
3.5
HC8-1R2-R
1.2
1.32
16.0
14.4
25.5
4.70
4.5
HC8-1R9-R
1.9
1.90
12.4
11.8
20.9
7.7
5.5
HC8-2R6-R
2.6
2.65
10.2
10.0
17.7
11.4
6.5
HC8-3R5-R
3.5
3.52
8.50
8.7
15.3
16.5
7.5
HC8-4R5-R
4.5
4.52
8.00
7.7
13.5
18.6
8.5
HC8-5R6-R
5.6
5.65
6.70
6.9
12.1
26.3
9.5
HC8-6R9-R
6.9
6.90
6.40
6.2
10.9
28.9
10.5
HC8-8R2-R
8.2
8.27
5.50
5.7
10.0
39.6
11.5
HC8-100-R
10.0
9.77
5.20
5.2
9.2
43.6
12.5
HC8-150-R
15.0
15.02
4.10
4.2
7.4
68.6
15.5
HC8-220-R
22.0
21.40
3.40
3.5
6.2
99.5
18.6
HC8-330-R
33.0
31.65
2.70
2.9
5.1
154
22.6
HC8-470-R
47.0
47.28
2.20
2.4
4.2
237
27.6
1) Test Parameters: 100KHz, 1.0Vrms
2) Irms Amperes for approximately
∆T of 40°C above 85°C ambient
3) Isat Amperes Peak for approximately 15% rolloff (@20°C)
4) Isat Amperes Peak for approximately 30% rolloff (@20°C)
5) Applied Volt-Time product (V-µS) across the inductor. This value represents the
applied V-µS at operating frequency necessary to generate additional core loss
which contributes to the 40°C temperature rise. De-rating of the Irms is required
to prevent excessive temperature rise. The 100% V-uS rating is equivalent to a
ripple current Ip-p of 20% of Isat (30% rolloff option).
It is recommended that the temperature of the part not exceed 155°C under worst
case operating conditions verified in the end application.
Part number definition:
HC8-XXX-R
HC8 = Product code and size
XXX = Inductance value in uH.
R = Decimal point. If no R is present, third character = #of zeros
-R suffix indicates RoHS compliant
HC8 Series
HIGH CURRENT 8
Power Inductors
Mechanical Diagrams
TOP VIEW
10.9
Max
10.4
Max
HC8-XXX
wwll yy R
10.4
Max
FRONT VIEW
SIDE VIEW
2.70
± 0.55
(2x)
RECOMMENDED PCB PAD LAYOUT
4.0 typ
3.0 typ
2plcs
3.5 typ
2plcs
1
2
SCHEMATIC
4.0
Max
C
L
A ref
3.95
2 plcs
ref
A
mm
1R
2.1
1R9
thru
470
2.7
R39
R75
R15
PN
2.1
2.1
2.1
FRONT VIEW
TABLE
wwllyy = Date code R = Revision level
xxx = Inductance value
RoHS
2002/95/EC


Similar Part No. - HC8-8R2-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
HC8-8R2-R EATON-HC8-8R2-R Datasheet
426Kb / 4P
High current power inductors
More results

Similar Description - HC8-8R2-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SSL0705M SUPERWORLD-SSL0705M Datasheet
249Kb / 6P
HIGH CURRENT POWER INDUCTORS
SSL1005M SUPERWORLD-SSL1005M Datasheet
278Kb / 7P
HIGH CURRENT POWER INDUCTORS
SSL1308M SUPERWORLD-SSL1308M Datasheet
273Kb / 7P
HIGH CURRENT POWER INDUCTORS
logo
Cooper Bussmann, Inc.
HCM1104-R56-R COOPER-HCM1104-R56-R Datasheet
1Mb / 6P
High Current Power Inductors HCM1104 Series
logo
Eaton All Rights Reserv...
HC9 EATON-HC9 Datasheet
441Kb / 4P
High current power inductors
FPV1006 EATON-FPV1006 Datasheet
259Kb / 4P
High current power inductors
HCM0503 EATON-HCM0503 Datasheet
296Kb / 7P
High current power inductors
HCM1305 EATON-HCM1305 Datasheet
658Kb / 9P
High current power inductors
HCV1707 EATON-HCV1707 Datasheet
294Kb / 5P
High current power inductors
HCM1707 EATON-HCM1707 Datasheet
1Mb / 7P
High current power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com