Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-LED-R Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # M22-LED-R
Description  Pushbuttons and Indicating Lights
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-LED-R Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  M22-LED-R Datasheet HTML 1Page - List of Unclassifed Manufacturers M22-LED-R Datasheet HTML 2Page - List of Unclassifed Manufacturers M22-LED-R Datasheet HTML 3Page - List of Unclassifed Manufacturers M22-LED-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
V7-T1-86
Volume 7—Logic Control, Operator Interface and Connectivity Solutions
CA08100008E—March 2014
www.eaton.com
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.5
Pushbuttons and Indicating Lights
22.5 mm Modular Pushbuttons—M22
Illuminated Selector Switches
Components
Operators Only, Knob Type 1
Notes
1 Includes contact block mounting adapter.
2 Momentary selector switches can be converted in the field to maintained operation with the removal of a color coded
adapter. See Page V7-T1-118.
Type
Switching Position
Button Color
Silver Bezel
Catalog Number
Black Bezel
Catalog Number
Metal Bezel
Catalog Number
Three-position
Momentary 2
White
M22-WLK3-W
M22S-WLK3-W
M22M-WLK3-W
Red
M22-WLK3-R
M22S-WLK3-R
M22M-WLK3-R
Green
M22-WLK3-G
M22S-WLK3-G
M22M-WLK3-G
Yellow
M22-WLK3-Y
M22S-WLK3-Y
M22M-WLK3-Y
Blue
M22-WLK3-B
M22S-WLK3-B
M22M-WLK3-B
Maintained
White
M22-WRLK3-W
M22S-WRLK3-W
M22M-WRLK3-W
Red
M22-WRLK3-R
M22S-WRLK3-R
M22M-WRLK3-R
Green
M22-WRLK3-G
M22S-WRLK3-G
M22M-WRLK3-G
Yellow
M22-WRLK3-Y
M22S-WRLK3-Y
M22M-WRLK3-Y
Blue
M22-WRLK3-B
M22S-WRLK3-B
M22M-WRLK3-B
Maintained, return from right
White
M22-WRLK3-1-W
M22S-WRLK3-1-W
M22M-WRLK3-1-W
Red
M22-WRLK3-1-R
M22S-WRLK3-1-R
M22M-WRLK3-1-R
Green
M22-WRLK3-1-G
M22S-WRLK3-1-G
M22M-WRLK3-1-G
Yellow
M22-WRLK3-1-Y
M22S-WRLK3-1-Y
M22M-WRLK3-1-Y
Blue
M22-WRLK3-1-B
M22S-WRLK3-1-B
M22M-WRLK3-1-B
Maintained, return from left
White
M22-WRLK3-2-W
M22S-WRLK3-2-W
M22M-WRLK3-2-W
Red
M22-WRLK3-2-R
M22S-WRLK3-2-R
M22M-WRLK3-2-R
Green
M22-WRLK3-2-G
M22S-WRLK3-2-G
M22M-WRLK3-2-G
Yellow
M22-WRLK3-2-Y
M22S-WRLK3-2-Y
M22M-WRLK3-2-Y
Blue
M22-WRLK3-2-B
M22S-WRLK3-2-B
M22M-WRLK3-2-B
M22-WLK3-W
40°
40°
60°
60°
40°
40°
60°
60°
40°
40°
60°
60°



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com