Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22-LED-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M22-LED-R
Description  Pushbuttons and Indicating Lights
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22-LED-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M22-LED-R Datasheet HTML 1Page - List of Unclassifed Manufacturers M22-LED-R Datasheet HTML 2Page - List of Unclassifed Manufacturers M22-LED-R Datasheet HTML 3Page - List of Unclassifed Manufacturers M22-LED-R Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Volume 7—Logic Control, Operator Interface and Connectivity Solutions
CA08100008E—March 2014
www.eaton.com
V7-T1-87
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1.5
Pushbuttons and Indicating Lights
22.5 mm Modular Pushbuttons—M22
Illuminated Selector Switches
Light Units
15
Contact Blocks 1
Accessories
Notes
1 For complete listing of available light units and contact blocks, see Accessories,
Pages V7-T1-111 to V7-T1-116.
2 Plunger needed to actuate center-mounted contact blocks. Used for non-illuminated
three-position selector switches only.
3 All NC contact blocks are positively driven contact.
4 Enables a keyed selector switch to be set to user-selected key withdraw position.
5 Select the same color LED element as lens color; for yellow lens, choose a white LED.
max.
5mm
thick
ness
Note: Included
with operator.
Terminal
Type
LED
Color
Light Unit
Voltage
Catalog Number
Screw
White
12–30
Vac/Vdc
M22-LED-W
Red
M22-LED-R
Green
M22-LED-G
Blue
M22-LED-B
Screw
White
85–264
Vac
M22-LED230-W
Red
M22-LED230-R
Green
M22-LED230-G
Blue
M22-LED230-B
Terminal
Type
Contact
Configuration 3
Catalog Number
Screw
NO
M22-K10
NO, early-make
M22-K10P
NC
M22-K01
NC, late-break
M22-K01D
Spring-cage
NO
M22-CK10
NC
M22-CK01
NC, late-break
M22-CK01D
2NO
M22-CK20
2NC
M22-CK02
NO-NC
M22-CK11
M22-LED-W
M22-K10
Description
Catalog Number
Plunger bridge 2
M22-XW
Key cover
M22-XWS
Key withdraw adapter 4
M22-XC-R
Coding adapter
M22-XC-Y
Guard ring
M22-XGWK
M22-XC-Y
M22-XWS
M22-XC-R
M22-XW
M22-XGWK



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com