Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT111A Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT111A
Description  4.8V to 30V Input, 1.5A LED Driver with Dimming Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT111A Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT111A Datasheet HTML 1Page - Active-Semi, Inc ACT111A Datasheet HTML 2Page - Active-Semi, Inc ACT111A Datasheet HTML 3Page - Active-Semi, Inc ACT111A Datasheet HTML 4Page - Active-Semi, Inc ACT111A Datasheet HTML 5Page - Active-Semi, Inc ACT111A Datasheet HTML 6Page - Active-Semi, Inc ACT111A Datasheet HTML 7Page - Active-Semi, Inc ACT111A Datasheet HTML 8Page - Active-Semi, Inc ACT111A Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ACT111A
Rev 2, 22-Oct-12
Innovative PowerTM
- 2 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
ORDERING INFORMATION
PIN CONFIGURATION
PIN DESCRIPTIONS
PART NUMBER
TEMPERATURE RANGE
PACKAGE
PINS
PACKING
ACT111AUS-T
-40°C to 85°C
SOT23-6
6
TAPE & REEL
TOP MARK
FRWE
SOT23-6
ACT111AUS-T
PIN NUMBER
PIN NAME
PIN DESCRIPTION
1
FB
Feedback Input for regulating LED current. The voltage at this pin is regulated to
0.1V. An external resistor is connected from this pin to ground to sense the LED
current.
2
GND
Ground.
3
BST
Bootstrap pin. This provides power to the internal high-side N channel MOSFET
gate driver. Connect a 2.2nF capacitor from the pin to SW pin.
4
SW
Internal N channel power MOSFET source output pin. Connect it to one end of
power inductor.
5
IN
Power supply input. Bypass this pin with a 10µF ceramic capacitor to GND, placed
as close to the IC as possible.
6
DIM
PWM signal input for dimming control. Apply PWM signal with amplitude greater
than 2V to this pin. The device is enabled as DIM pin open and disabled when it is
connected to G.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com