Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT111A Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT111A
Description  4.8V to 30V Input, 1.5A LED Driver with Dimming Control
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT111A Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT111A Datasheet HTML 5Page - Active-Semi, Inc ACT111A Datasheet HTML 6Page - Active-Semi, Inc ACT111A Datasheet HTML 7Page - Active-Semi, Inc ACT111A Datasheet HTML 8Page - Active-Semi, Inc ACT111A Datasheet HTML 9Page - Active-Semi, Inc ACT111A Datasheet HTML 10Page - Active-Semi, Inc ACT111A Datasheet HTML 11Page - Active-Semi, Inc ACT111A Datasheet HTML 12Page - Active-Semi, Inc ACT111A Datasheet HTML 13Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ACT111A
Rev 2, 22-Oct-12
Innovative PowerTM
- 10 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Figure 6:
24VDC Input 5×0.7A LED Driver with PWM Dimming
Figure 7:
PCB Top Layer
Figure 8:
PCB Bottom Layer
30mm
Load Current (mA)
Efficiency vs. Load Current
60
70
80
90
100
300
400
500
600
700
Output Current vs. Input Voltage
600
650
700
750
800
Input Voltage (V)
12
15
18
21
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com