Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT361 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT361
Description  High Performance ActivePSRTM Primary Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT361 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT361 Datasheet HTML 6Page - Active-Semi, Inc ACT361 Datasheet HTML 7Page - Active-Semi, Inc ACT361 Datasheet HTML 8Page - Active-Semi, Inc ACT361 Datasheet HTML 9Page - Active-Semi, Inc ACT361 Datasheet HTML 10Page - Active-Semi, Inc ACT361 Datasheet HTML 11Page - Active-Semi, Inc ACT361 Datasheet HTML 12Page - Active-Semi, Inc ACT361 Datasheet HTML 13Page - Active-Semi, Inc ACT361 Datasheet HTML 14Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ACT361
Rev 8, 14-Nov-12
Innovative Power
TM
- 10 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(Circuit of Figure 6, unless otherwise specified.)
Output Voltage vs. Temperature
5.10
5.05
5.00
4.95
4.90
4.85
4.80
4.75
4.70
Output Current Limit vs. Temperature
800
780
760
740
720
700
Output Power (W)
2.0
3.5
5.0
Efficiency vs. Output Power
Average Efficiency vs. Output Power
Output Power (W)
25%Po
50%Po
75%Po
100%Po
Line Voltage (VAC)
85
115
230
264
Standby Power vs. Line Voltage
150
125
100
75
50
25
0
Output Current (mA)
0
100
200
300
400
500
600
700
800
900
Output Voltage and Current Characteristics
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
80
70
60
50
40
115VAC
230VAC
80
70
60
50
40
30
20
Hiccup
Temperature (°C)
0
25
50
75
Temperature (°C)
0
25
50
75
230V
Low Limit
High Limit
85V
115V
230V
264V
85V
115V
230V
264V
115V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com