Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT361 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT361
Description  High Performance ActivePSRTM Primary Switching Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT361 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT361 Datasheet HTML 6Page - Active-Semi, Inc ACT361 Datasheet HTML 7Page - Active-Semi, Inc ACT361 Datasheet HTML 8Page - Active-Semi, Inc ACT361 Datasheet HTML 9Page - Active-Semi, Inc ACT361 Datasheet HTML 10Page - Active-Semi, Inc ACT361 Datasheet HTML 11Page - Active-Semi, Inc ACT361 Datasheet HTML 12Page - Active-Semi, Inc ACT361 Datasheet HTML 13Page - Active-Semi, Inc ACT361 Datasheet HTML 14Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ACT361
Rev 8, 14-Nov-12
Innovative Power
TM
- 12 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Switching Waveform at 115VAC (Full Load)
Switching Waveform at 230VAC (Full Load)
CH1: VCOLLECTOR, 200V/div
CH2: ICOLLECTOR, 100mA/div
TIME: 4.00µs/div
CH1
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Circuit of Figure 6, unless otherwise specified.)
Output Voltage Ripple at 115VAC (Full Load)
Startup at 115VAC (Full Load)
Output Current Limit vs. RCS
Current Sense Resistance (Ω)
0.5
1.0
1.5
2.0
1200
1000
800
600
400
200
Output Current (mA)
0
100
200
300
400
500
600
700
800
Output Cable Resistance Compensation
vs. Output Current
5.25
5.00
4.75
4.50
4.25
4.00
3.75
3.50
CH2
CH1
CH2
CH1: VCOLLECTOR, 200V/div
CH2: ICOLLECTOR, 100mA/div
TIME: 4.00µs/div
CH1
CH1
CH2
CH1: 50.0mV/div
TIME: 4.00ms/div
CH1: VIN(AC), 100V/div
CH2: VOUT, 1V/div
TIME: 40.0ms/div
No RCORD
RCORD = 162kΩ
VIN = 115V
1.5M AWG26 Cable
230V
115V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com