Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT364 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT364
Description  High Performance ActivePSRTM Primary Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT364 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT364 Datasheet HTML 4Page - Active-Semi, Inc ACT364 Datasheet HTML 5Page - Active-Semi, Inc ACT364 Datasheet HTML 6Page - Active-Semi, Inc ACT364 Datasheet HTML 7Page - Active-Semi, Inc ACT364 Datasheet HTML 8Page - Active-Semi, Inc ACT364 Datasheet HTML 9Page - Active-Semi, Inc ACT364 Datasheet HTML 10Page - Active-Semi, Inc ACT364 Datasheet HTML 11Page - Active-Semi, Inc ACT364 Datasheet HTML 12Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ACT364
Rev 4, 14-Nov-12
Innovative Power
TM
- 9 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Figure 3:
Universal VAC Input, 5V/1A Output Charger
ITEM
REFERENCE
DESCRIPTION
QTY
MANUFACTURER
1
U1
IC, ACT364US-T, SOT23-6
1
Active-Semi
2
C1, C2
Capacitor, Electrolytic, 4.7µF/400V, 8 × 12mm
2
KSC
3
C3
Capacitor, Ceramic,1000pF/500V,1206,SMD
1
POE
4
C4
Capacitor, Electrolytic, 4.7µF/35V, 5 × 11mm
1
KSC
5
C5
Capacitor, Electrolytic, 680µF/10V, 8 × 12mm
1
KSC
6
C9
Capacitor, Ceramic,1000pF/50V,0805,SMD
1
POE
7
BD1
Bridge,B6S,600V/0.5A,MDI,SMD
1
PANJIT
8
D5,D6
Diode, Ultra Fast, FR107,1000V/1.0A, DO-41
2
Good-Ark
9
D8
Diode, Schottky, 40V/3A, SB340, DO-15
1
Good-Ark
10
L1
Axial Inductor, 1.5mH, 0410, DIP
1
Amode Tech
11
Q1
Transistor, NPN, 700V,1.5A, D13003, TO-126
1
Huawei
12
FR1
Fusible Resistor, 1W, 10Ω, 5%
1
TY-OHM
13
R1,R4
Chip Resistor, 22Ω, 0805, 5%
2
TY-OHM
14
R2
Chip Resistor, 750k, 1206, 5%
1
TY-OHM
15
R3
Chip Resistor, 470Ω, 1206, 5%
1
TY-OHM
16
R5
Chip Resistor, 49.9k, 0805, 1%
1
TY-OHM
17
R6
Chip Resistor, 8.87k, 0805, 1%
1
TY-OHM
18
R7,R8
Chip Resistor, 5.1MΩ, 1206, 5%
2
TY-OHM
19
R9
Chip Resistor, 1.0Ω, 1206, 1%
1
TY-OHM
20
R10
Chip Resistor, 162k, 0805, 5%
1
TY-OHM
21
R11
Chip Resistor, 1.1k, 0805, 5%
1
TY-OHM
22
R13
Chip Resistor, 10Ω, 0805, 5%
1
TY-OHM
23
T1
Transformer, LP = 1.5mH±7%, EFD15
1
Table 1:
ACT364 Bill of Materials



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com