Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT364 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT364
Description  High Performance ActivePSRTM Primary Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT364 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT364 Datasheet HTML 1Page - Active-Semi, Inc ACT364 Datasheet HTML 2Page - Active-Semi, Inc ACT364 Datasheet HTML 3Page - Active-Semi, Inc ACT364 Datasheet HTML 4Page - Active-Semi, Inc ACT364 Datasheet HTML 5Page - Active-Semi, Inc ACT364 Datasheet HTML 6Page - Active-Semi, Inc ACT364 Datasheet HTML 7Page - Active-Semi, Inc ACT364 Datasheet HTML 8Page - Active-Semi, Inc ACT364 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
Rev 4, 14-Nov-12
High Performance ActivePSR
TM Primary Switching Regulator
FEATURES
• Patented Primary Side Regulation
Technology
• No Opto-Coupler
• Suitable Operation Frequency up to 85kHZ
• Best-in-Class Constant Voltage, Constant
Current Accuracy
• Low EMI
• Proprietary Fast Startup Circuit
• Built-in Soft-Start Circuit
• Integrated Line and Primary Inductance
Compensation
• Integrated Programmable Output Cord
Resistance Compensation
• Line Under-Voltage, Output Over-Voltage,
Output Short-Circuit and Over-Temperature
Protection
• Complies with all Global Energy Efficiency
and CEC Average Efficiency Standards
• Adjustable Power from 2W to 6.3W
• Minimum External Components
• Tiny SOT23-6 Package
APPLICATIONS
• Chargers for Cell Phones, PDAs, MP3,
Portable Media Players, DSCs, and Other
Portable Devices and Appliances
• RCC Adapter Replacements
• Linear Adapter Replacements
• Standby and Auxiliary Supplies
GENERAL DESCRIPTION
The ACT364 belongs to the high performance
patented ActivePSRTM Family of Universal-input
AC/DC off-line controllers for battery charger and
adapter applications. It is designed for flyback
topology working in discontinuous conduction mode
(DCM). The ACT364 meets all of the global energy
efficiency regulations (CEC, European Blue Angel,
and US Energy Star standards) while using very
few external components.
The ACT364 ensures safe operation with complete
protection against all fault conditions. Built-in
protection circuitry is provided for output short-
circuit, output over-voltage, line under-voltage, and
over temperature conditions.
The ACT364 ActivePSRTM is optimized for high
performance,
cost-sensitive
applications,
and
utilizes
Active-Semi’s
proprietary
primary-side
feedback architecture to provide accurate constant
voltage, constant current (CV/CC) regulation
without the need of an opto-coupler or reference
device. Integrated line and primary inductance
compensation circuitry provides accurate constant
current operation despite wide variations in line
voltage and primary inductance. Integrated output
cord resistance compensation further enhances
output accuracy. The ACT364 achieves excellent
regulation and transient response, yet requires less
than 150mW of standby power.
The ACT364 is optimized for compact size 2W to
6.3W charger applications. It is available in space-
saving 6 pin SOT23-6 package.
Figure 1:
Simplified Application Circuit
ACT364


Similar Part No. - ACT364

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT364 ACTIVE-SEMI-ACT364 Datasheet
114Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT364 ACTIVE-SEMI-ACT364 Datasheet
274Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 4, 14-Nov-12
ACT364US-T ACTIVE-SEMI-ACT364US-T Datasheet
114Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT364US-T ACTIVE-SEMI-ACT364US-T Datasheet
274Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 4, 14-Nov-12
ACT364 ACTIVE-SEMI-ACT364_12 Datasheet
274Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 4, 14-Nov-12
More results

Similar Description - ACT364

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT336 ACTIVE-SEMI-ACT336 Datasheet
108Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT337 ACTIVE-SEMI-ACT337 Datasheet
149Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT366 ACTIVE-SEMI-ACT366 Datasheet
132Kb / 3P
High Performance ActivePSRTM Primary Switching Regulator
15-Apr-11
ACT366 ACTIVE-SEMI-ACT366_12 Datasheet
323Kb / 11P
High Performance ActivePSRTM Primary Switching Regulator
Rev 1, 14-Nov-12
ACT334 ACTIVE-SEMI-ACT334_14 Datasheet
287Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT337 ACTIVE-SEMI-ACT337_14 Datasheet
398Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT361 ACTIVE-SEMI-ACT361_14 Datasheet
330Kb / 14P
High Performance ActivePSRTM Primary Switching Regulator
Rev 8, 14-Nov-12
ACT365 ACTIVE-SEMI-ACT365_14 Datasheet
267Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 10-Jan-13
ACT330US-T ACTIVE-SEMI-ACT330US-T Datasheet
139Kb / 4P
High Performance ActivePSRTM Primary Switching Regulator
2009
EA361US ACTIVE-SEMI-EA361US Datasheet
330Kb / 13P
High Performance ActivePSRTM Primary Switching Regulator
Rev 8, 14-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com