Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT365 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT365
Description  High Performance ActivePSRTM Primary Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT365 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT365 Datasheet HTML 1Page - Active-Semi, Inc ACT365 Datasheet HTML 2Page - Active-Semi, Inc ACT365 Datasheet HTML 3Page - Active-Semi, Inc ACT365 Datasheet HTML 4Page - Active-Semi, Inc ACT365 Datasheet HTML 5Page - Active-Semi, Inc ACT365 Datasheet HTML 6Page - Active-Semi, Inc ACT365 Datasheet HTML 7Page - Active-Semi, Inc ACT365 Datasheet HTML 8Page - Active-Semi, Inc ACT365 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
High Performance ActivePSR
TM Primary Switching Regulator
FEATURES
• Patented Primary Side Regulation
Technology
• No Opto-Coupler
• Suitable Operation Frequency up to 85kHZ
• Best-in-Class Constant Voltage Accuracy
• Proprietary Fast Startup with Big Capacitive
Load
• Built-in Soft-Start Circuit
• Integrated Line and Primary Inductance
Compensation
• Integrated Programmable Output Cord
Resistance Compensation
• Line Under-Voltage, Output Over-Voltage,
Output Short-Circuit and Over-Temperature
Protection
• Complies with all Global Energy Efficiency
and CEC Average Efficiency Standards
• Dedicate Adapter Application from 6W to
12W
APPLICATIONS
• RCC Adapter Replacements
• Linear Adapter Replacements
• Standby and Auxiliary Supplies
GENERAL DESCRIPTION
The ACT365 belongs to the high performance
patented ActivePSRTM Family of Universal-input
AC/DC off-line controllers for adapter applications.
It is designed for flyback topology working in
discontinuous
conduction
mode
(DCM).
The
ACT365 meets all of the global energy efficiency
regulations (CEC, European Blue Angel, and US
Energy Star standards) while using very few
external components.
The ACT365 ensures safe operation with complete
protection against all fault conditions. Built-in
protection circuitry is provided for output short-
circuit, output over-voltage, line under-voltage, and
over temperature conditions.
The ACT365 ActivePSRTM is optimized for high
performance,
cost-sensitive
applications,
and
utilizes
Active-Semi’s
proprietary
primary-side
feedback architecture to provide accurate constant
voltage, constant current (CV/CC) regulation
without the need of an opto-coupler or reference
device. Integrated line and primary inductance
compensation circuitry provides accurate constant
current operation despite wide variations in line
voltage and primary inductance. Integrated output
cord resistance compensation further enhances
output accuracy. The ACT365 achieves excellent
regulation and transient response, yet requires less
than 150mW of standby power.
The ACT365 is optimized for compact size 6W to
12W adapter applications. It is available in SOP-8
package.
Figure 1:
Simplified Application Circuit
ACT365
PART
NUMBER
85-265VAC
TYPICAL
APPLICATION
Po MAX
ACT365SH-T
(SOP-8)
5V/2.1A
12W
Table 1:
Output Power Table
Rev 2, 10-Jan-13


Similar Part No. - ACT365

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT365 ACTIVE-SEMI-ACT365 Datasheet
134Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT365 ACTIVE-SEMI-ACT365 Datasheet
266Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 1, 14-Nov-12
ACT365SH-T ACTIVE-SEMI-ACT365SH-T Datasheet
134Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT365SH-T ACTIVE-SEMI-ACT365SH-T Datasheet
266Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 1, 14-Nov-12
ACT365 ACTIVE-SEMI-ACT365_12 Datasheet
266Kb / 11P
High Performance ActivePSR Primary Switching Regulator
Rev 1, 14-Nov-12
More results

Similar Description - ACT365

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT336 ACTIVE-SEMI-ACT336 Datasheet
108Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT337 ACTIVE-SEMI-ACT337 Datasheet
149Kb / 3P
High Performance ActivePSR??Primary Switching Regulator
15-Apr-11
ACT366 ACTIVE-SEMI-ACT366 Datasheet
132Kb / 3P
High Performance ActivePSRTM Primary Switching Regulator
15-Apr-11
ACT366 ACTIVE-SEMI-ACT366_12 Datasheet
323Kb / 11P
High Performance ActivePSRTM Primary Switching Regulator
Rev 1, 14-Nov-12
ACT334 ACTIVE-SEMI-ACT334_14 Datasheet
287Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT337 ACTIVE-SEMI-ACT337_14 Datasheet
398Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 2, 14-Nov-12
ACT361 ACTIVE-SEMI-ACT361_14 Datasheet
330Kb / 14P
High Performance ActivePSRTM Primary Switching Regulator
Rev 8, 14-Nov-12
ACT364 ACTIVE-SEMI-ACT364_14 Datasheet
274Kb / 12P
High Performance ActivePSRTM Primary Switching Regulator
Rev 4, 14-Nov-12
ACT330US-T ACTIVE-SEMI-ACT330US-T Datasheet
139Kb / 4P
High Performance ActivePSRTM Primary Switching Regulator
2009
EA361US ACTIVE-SEMI-EA361US Datasheet
330Kb / 13P
High Performance ActivePSRTM Primary Switching Regulator
Rev 8, 14-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com