Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT365 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT365
Description  High Performance ActivePSRTM Primary Switching Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT365 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT365 Datasheet HTML 4Page - Active-Semi, Inc ACT365 Datasheet HTML 5Page - Active-Semi, Inc ACT365 Datasheet HTML 6Page - Active-Semi, Inc ACT365 Datasheet HTML 7Page - Active-Semi, Inc ACT365 Datasheet HTML 8Page - Active-Semi, Inc ACT365 Datasheet HTML 9Page - Active-Semi, Inc ACT365 Datasheet HTML 10Page - Active-Semi, Inc ACT365 Datasheet HTML 11Page - Active-Semi, Inc ACT365 Datasheet HTML 12Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ACT365
Rev 2, 10-Jan-13
Innovative Power
TM
- 10 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
(Circuit of Figure 6, unless otherwise specified.)
Internal MOSFET RON vs. Temperature
2.4
2.0
1.6
1.2
0.8
0.4
0.0
VDD ON/OFF Voltage vs. Temperature
Start Up Supply Current vs. Temperature
20.5
16.5
14.5
12.5
10.5
8.5
6.5
4.5
18.5
Temperature (°C)
0
25
50
75
FB Voltage vs. Temperature
2.25
2.20
2.15
2.10
2.05
2.00
VDDON
VDDOFF
Temperature (°C)
0
25
50
75
28
26
24
22
20
18
16
14
Temperature (°C)
0
25
50
75
Temperature (°C)
0
25
50
75
Normalized ILIM vs. Temperature
1.02
1.01
1.00
0.99
0.98
0.97
0.96
0.95
Temperature (°C)
0
25
50
75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com