Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC302 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC302
Description  NPN EPITAXIAL PLANAR SILICON TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC302 Datasheet(HTML) 1 Page - Continental Device India Limited

  BC302 Datasheet HTML 1Page - Continental Device India Limited BC302 Datasheet HTML 2Page - Continental Device India Limited BC302 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
BC300, BC301, BC302
TO-39
Metal Can Package
NPN SILICON LOW -AND- MEDIUM POWER TRANSISTORS.
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
BC300 BC301
BC302
UNITS
Collector Emitter Voltage
VCEO
80
60
45
V
Collector Base Voltage
VCBO
120
90
60
V
Emitter Base Voltage
VEBO
7.0
7.0
7.0
V
Collector Current
IC
mA
Power Dissipation @ Ta=25ºC
PD
mW
Junction Temperature
Tj
ºC
Storage Temperature Range
Tstg
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL TEST CONDITION
UNITS
MIN
MAX
MIN MAX MIN
MAX
Collector Cut off Current
ICBO
VCB=120V, IE=0
20
n
Α
VCB=90V, IE=0
20
n
Α
VCB=60V, IE=0
20
n
Α
DC Current Gain
hFE
IC=150mA,VCE=10V
BC300/301/302
40
240
BC300/301/302-4
40
80
BC300/301/302-5
IC=150mA,VCE=10V
70
140
BC300/301/302-6
IC=150mA,VCE=10V
120
240
Collector Emitter Sat Voltage
VCE(Sat) IC=150mA,IB=15mA
ALL
0.5
V
DYNAMIC CHARACTERISTICS
Transition Frequency
fT
VCE=10V,IC=50mA,
ALL
f=20MHz
100
400
MHz
BC300
BC301
BC302
500
850
175
-65 to +200
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC302

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BC302 MICRO-ELECTRONICS-BC302 Datasheet
122Kb / 2P
PNP SILICON AF MEDIUM POWER AMPLIFIERS & SWITCHES
logo
Central Semiconductor C...
BC302 CENTRAL-BC302 Datasheet
56Kb / 1P
Small Signal Transistors
logo
Seme LAB
BC302 SEME-LAB-BC302 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
logo
List of Unclassifed Man...
BC302 ETC-BC302 Datasheet
45Kb / 2P
BA/BC Series: 1.5 - 6.0 Watts Single and Dual Outputs
logo
Seme LAB
BC302-5 SEME-LAB-BC302-5 Datasheet
15Kb / 1P
Bipolar NPN Device in a Hermetically sealed TO39
More results

Similar Description - BC302

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com