Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC182 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BC182
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC182 Datasheet(HTML) 2 Page - Continental Device India Limited

  BC182 Datasheet HTML 1Page - Continental Device India Limited BC182 Datasheet HTML 2Page - Continental Device India Limited BC182 Datasheet HTML 3Page - Continental Device India Limited BC182 Datasheet HTML 4Page - Continental Device India Limited BC182 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC182, A, B
BC183, A, B, C
BC184, B, C
TO-92
Plastic Package
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
DC Current Gain
hFE
IC=10µA, VCE=5V
BC182/183
40
BC184
100
IC=2mA, VCE=5V
BC182
120
500
BC183
120
800
BC184
240
800
IC=100mA, VCE=5V
BC182
80
BC183
80
BC184
130
Collector Emitter Saturation Voltage
VCE (sat)
IC=10mA, IB=0.5mA
0.25
V
*IC=100mA, IB=5mA
0.60
V
Base Emitter Saturation Voltage
VBE (sat)
*IC=100mA, IB=5mA
1.2
V
Base Emitter On Voltage
VBE (on)
IC=100µA, VCE=5V
V
IC=2mA, VCE=5V
0.55
0.70
V
IC=100mA, VCE=5V
V
SMALL SIGNAL CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Transistors Frequency
fT
IC=0.5mA, VCE=3V, f=100MHz
BC182
MHz
BC183
MHz
BC184
MHz
IC=10mA, VCE=5V, f=100MHz
150
MHz
Output Capacitance
Cob
VCB=10V, IE=0, f=1MHz
5.0
pF
Input Capacitance
Cib
VBE=0.5V, IC=0, f=1MHz
pF
Small Signal Current Gain
hfe
IC=2mA, VCE=5V, f=1KHz
BC182
125
500
BC183
125
900
BC184
240
900
BC182A/BC183A
125
260
BC182B/183B/184B
240
500
BC183C/184C
450
900
Noise Figure
NF
IC=0.2mA, VCE=5V, RS=2 kΩ,
f=30Hz to 15KHz
BC184
4.0
dB
IC=0.2mA, VCE=5V, RS=2 kΩ,
f=1kHz, F=200Hz
BC182/BC183
10
dB
BC184
4.0
dB
*Pulse Test: Pulse Time 300
µµs, Duty Cycle=2%
BC182_184Rev_1 201205E
120
140
8.0
100
0.50
0.83
For Lead Free Parts, Device
Part # will be Prefixed with
"T"
TYP
TYP
C B
E
Continental Device India Limited
Data Sheet
Page 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com