Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC182 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BC182
Description  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BC182 Datasheet(HTML) 1 Page - Continental Device India Limited

  BC182 Datasheet HTML 1Page - Continental Device India Limited BC182 Datasheet HTML 2Page - Continental Device India Limited BC182 Datasheet HTML 3Page - Continental Device India Limited BC182 Datasheet HTML 4Page - Continental Device India Limited BC182 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC182, A, B
BC183, A, B, C
BC184, B, C
TO-92
Plastic Package
Amplifier Transistors
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNITS
Collector Emitter Voltage
VCEO
V
Collector Base Voltage
VCBO
V
Emitter Base Voltage
VEBO
V
Collector Current Continuous
IC
mA
Power Dissipation at Ta=25ºC
PD
mW
Derate Above 25ºC
mW/ºC
Power Dissipation at Tc=25ºC
PD
W
Derate Above 25ºC
mW/ºC
Operating And Storage Junction
Temperature Range
Tj, Tstg
ºC
THERMAL RESISTANCE
Junction to Case
Rth (j-c)
ºC/W
Junction to Ambient in free air
Rth (j-a)
ºC/W
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNITS
Collector Emitter Voltage
VCEO
IC=2mA, IB=0
BC182
50
V
BC183/BC184
30
V
Collector Base Voltage
VCBO
IC=10µA, IE=0
BC182
60
V
BC183/BC184
45
V
Emitter Base Voltage
VEBO
IE=100µA, IC=0
6.0
V
Collector Cut Off Current
ICBO
VCB=50V, IE=0
BC182
15
nA
VCB=30V, IE=0
BC183/184
15
nA
Emitter Cut Off Current
IEBO
VEB=4V, IC=0
15
nA
BC182_184Rev_1 201205E
6.0
357
- 55 to +150
TYP
For Lead Free Parts, Device
Part # will be Prefixed with
"T"
BC182
BC183
BC184
50
30
30
60
45
45
100
350
125
2.8
1.0
8.0
C B
E
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BC182

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC182 MOTOROLA-BC182 Datasheet
111Kb / 4P
Amplifier Transistors(NPN)
logo
Fairchild Semiconductor
BC182 FAIRCHILD-BC182 Datasheet
356Kb / 6P
AMPLIFIER TRANSISTOR(NPN)
logo
ON Semiconductor
BC182 ONSEMI-BC182 Datasheet
60Kb / 4P
Amplifier Transistors Amplifier Transistors
March, 2007 ??Rev. 5
logo
Fairchild Semiconductor
BC182 FAIRCHILD-BC182 Datasheet
51Kb / 4P
NPN General Purpose Amplifier
logo
SEMTECH ELECTRONICS LTD...
BC182 SEMTECH_ELEC-BC182 Datasheet
140Kb / 2P
NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - BC182

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CTN368 CDIL-CTN368 Datasheet
150Kb / 3P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Guangdong Kexin Industr...
2SC4505 KEXIN-2SC4505 Datasheet
51Kb / 2P
NPN Epitaxial Planar Silicon Transistors
2SC4132 KEXIN-2SC4132 Datasheet
49Kb / 1P
NPN Epitaxial Planar Silicon Transistors
logo
SEMTECH ELECTRONICS LTD...
MMBTA14 SEMTECH_ELEC-MMBTA14 Datasheet
129Kb / 2P
NPN Silicon Epitaxial Planar Transistors
BC817W SEMTECH_ELEC-BC817W Datasheet
264Kb / 4P
NPN Silicon Epitaxial Planar Transistors
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CN652 CDIL-CN652 Datasheet
146Kb / 5P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com