Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BAV99
Description  SILICON PLANAR HIGH SPEED SWITCHING DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAV99 Datasheet(HTML) 2 Page - Continental Device India Limited

  BAV99 Datasheet HTML 1Page - Continental Device India Limited BAV99 Datasheet HTML 2Page - Continental Device India Limited BAV99 Datasheet HTML 3Page - Continental Device India Limited BAV99 Datasheet HTML 4Page - Continental Device India Limited BAV99 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SILICON PLANAR HIGH SPEED SWITCHING DIODES
BAV99
SOT-23
Formed SMD Package
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise) per diode
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Diode Capacitance
Cd
VR=0V, f=1MHz
pF
Forward Recovery Voltage
VFR
IF=10mA, tr=20ns
V
Reverse Recovery Time
trr
IF=10mA, to IR=10mA,
measured at IR=1.0mA,
RL=100Ω
ns
Reverse Charge When Switched Time
QS
IF=10mA to VR=5V,
RL=100Ω
pC
1.5
1.75
4.0
45
MAX
3
Pin Configuration
1 = ANODE
2 =
3 =
CATHODE
CATHODE
ANODE/
1
2
Continental Device India Limited
Data Sheet
Page 2 of 5
BAV99_Rev_1 200310E



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com