Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAV99
Description  SILICON PLANAR HIGH SPEED SWITCHING DIODES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAV99 Datasheet(HTML) 1 Page - Continental Device India Limited

  BAV99 Datasheet HTML 1Page - Continental Device India Limited BAV99 Datasheet HTML 2Page - Continental Device India Limited BAV99 Datasheet HTML 3Page - Continental Device India Limited BAV99 Datasheet HTML 4Page - Continental Device India Limited BAV99 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SILICON PLANAR HIGH SPEED SWITCHING DIODES
BAV99
SOT-23
Formed SMD Package
Marking
BAV99 = A7
High-Speed Switching Series Diode Pair
ABSOLUTE MAXIMUM RATINGS (Rating Per Diode)
DESCRIPTION
SYMBOL
UNIT
Repetitive Peak Reverse Voltage
VRRM
V
Reverse Voltage
VR
V
Forward Current (DC)
IF
mA
Repetitive Peak Forward Current
IFRM
mA
Non Repetitive Peak Forward Current
(per crystal)
t=1
µµs
IFSM
A
t=1 ms
IFSM
A
t=1 s
IFSM
A
Power Dissipation up to Ta=25ºC
PD
mW
Junction Temperature
Tj
ºC
Ambient Temperature
Tamb
ºC
Storage Temperature Range
Tstg
ºC
THERMAL RESISTANCE
Junction to Ambient in free air
Rth (j-a)
K/W
Junction to Solder Point
Rth (j-sp)
K/W
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise) per diode
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Forward Voltage
VF
IF = 1mA
V
IF = 10mA
V
IF = 50mA
V
IF = 150mA
V
Reverse Current
IR
VR=25V
nA
VR=25V, TJ=150ºC
µA
VR=80V
µA
VR=80V, TJ=150ºC
µA
BAV99_Rev_1 200310E
100
150
360
30
VALUE
100
500
1.0
- 65 to +150
0.5
MAX
0.715
215
250
50
0.855
1.0
1.25
0.5
- 65 to +150
30
4.0
500
3
Pin Configuration
1 = ANODE
2 =
3 =
CATHODE
CATHODE
ANODE/
1
2
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
Rohm
1SS353 ROHM-1SS353 Datasheet
61Kb / 2P
Silicon Epitaxial Planar High-Speed Switching Diodes
logo
List of Unclassifed Man...
HD2A ETC-HD2A Datasheet
15Kb / 1P
SOT 23 SILICON PLANAR HIGH SPEED SWITCHING DIODES
logo
Rohm
1SS92 ROHM-1SS92 Datasheet
207Kb / 3P
SILICON EPITAXIAL PLANAR ULTRA-HIGH SPEED SWITCHING DIODES
logo
TRANSYS Electronics Lim...
BAS19 TEL-BAS19 Datasheet
104Kb / 3P
SILICON PLANAR HIGH SPEED DIODES
logo
Continental Device Indi...
LS4148 CDIL-LS4148 Datasheet
341Kb / 3P
HIGH SPEED SILICON SWITCHING DIODES
BAS19 CDIL-BAS19 Datasheet
137Kb / 4P
SILICON PLANAR HIGH SPEED DIODES
logo
Central Semiconductor C...
CMKD2836 CENTRAL-CMKD2836_15 Datasheet
434Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMUD2836 CENTRAL-CMUD2836_15 Datasheet
480Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
CMXD4448 CENTRAL-CMXD4448_15 Datasheet
557Kb / 2P
HIGH SPEED SILICON SWITCHING DIODES
logo
Zetex Semiconductors
BAL99 ZETEX-BAL99 Datasheet
34Kb / 1P
SOT23 SILICON PLANAR HIGH SPEED SWITCHING DIODES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com