Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV70 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAV70
Description  SILICON PLANAR DUAL SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAV70 Datasheet(HTML) 1 Page - Continental Device India Limited

  BAV70 Datasheet HTML 1Page - Continental Device India Limited BAV70 Datasheet HTML 2Page - Continental Device India Limited BAV70 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR DUAL SWITCHING DIODES
BAV70
SOT-23
Formed SMD Package
Marking
BAV70 = A4
High-Speed Switching Dual Diodes, Common Cathode
ABSOLUTE MAXIMUM RATINGS (Rating Per Diode)
DESCRIPTION
SYMBOL
UNIT
Continuous Reverse Voltage
VR
V
Repetitive Peak Reverse Voltage
VRRM
V
Forward Current (DC)
IF
mA
Repetitive Peak Forward Current
IFRM
mA
Non Repetitive Peak Forward Current
(per crystal)
t=1
µµs
IFSM
A
t=1 ms
IFSM
A
t=1 s
IFSM
A
Power Dissipation up to Ta=25ºC
PD
mW
Storage Temperature Range
Tstg
ºC
Junction Temperature
Tj
ºC
THERMAL RESISTANCE
Junction to Ambient in free air
Rth (j-a)
K/W
ELECTRICAL CHARACTERISTICS (Ta=25º C unless specified otherwise) per diode
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Forward Voltage
VF
IF = 1mA
V
IF = 10mA
V
IF = 50mA
V
IF = 150mA
V
Reverse Current
IR
VR=25V, TJ=150ºC
µA
VR=70V
µA
VR=70V, TJ=150ºC
µA
Diode Capacitance
Cd
VR=0V, f=1MHz
pF
Forward Recovery Voltage
Vfr
IF=10mA, tr=20ns
V
Reverse Recovery Time
trr
IF=10mA, to IR=60mA,
IR=1.0mA, RL=100Ω
ns
Reverse Charge When Switched Time
QS
IF=10mA to VR=5V,
RL=100Ω
pC
BAV70REV_1 071105E
For Lead Free Parts, Device Part #
will be Prefixed with "T"
2.5
VALUE
75
1.5
70
450
1.0
- 55 to +150
MAX
0.715
215
250
100
0.855
1.0
1.25
0.5
150
60
4.0
500
1.75
4.0
45
Pin Configuration
1 =
2 =
3 =
ANODE
ANODE
CATHODE
3
1
2
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAV70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV70 PHILIPS-BAV70 Datasheet
56Kb / 12P
High-speed double diode
1999 May 05
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAV70 TRSYS-BAV70 Datasheet
146Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV70

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CMBD2835 CDIL-CMBD2835 Datasheet
129Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODES
logo
Panasonic Semiconductor
MA4X174 PANASONIC-MA4X174 Datasheet
81Kb / 3P
Switching Diodes (Silicon planar type)
logo
TRANSYS Electronics Lim...
BAW74 TEL-BAW74 Datasheet
96Kb / 2P
SILICON PLANAR DUAL SWITCHING DIODES
logo
Continental Device Indi...
BAW74 CDIL-BAW74 Datasheet
199Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODES
BAW56 CDIL-BAW56 Datasheet
206Kb / 3P
SILICON PLANAR DUAL SWITCHING DIODES
logo
Toshiba Semiconductor
TBAV99 TOSHIBA-TBAV99 Datasheet
178Kb / 5P
Switching Diodes Silicon Epitaxial Planar
1SS302A TOSHIBA-1SS302A Datasheet
170Kb / 6P
Switching Diodes Silicon Epitaxial Planar
logo
SHIKUES Electronics
BAS29 SKTECHNOLGY-BAS29 Datasheet
412Kb / 3P
Silicon Epitaxial Planar Switching Diodes
logo
Toshiba Semiconductor
1SS403E TOSHIBA-1SS403E Datasheet
177Kb / 5P
Switching Diodes Silicon Epitaxial Planar
BAV99 TOSHIBA-BAV99 Datasheet
223Kb / 5P
Switching Diodes Silicon Epitaxial Planar
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com