Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV23S Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BAV23S
Description  SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAV23S Datasheet(HTML) 2 Page - Continental Device India Limited

  BAV23S Datasheet HTML 1Page - Continental Device India Limited BAV23S Datasheet HTML 2Page - Continental Device India Limited BAV23S Datasheet HTML 3Page - Continental Device India Limited BAV23S Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Tamb=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Reverse Breakdown Voltage
V(BR) R
Single Diode
IR=100uA
250
-
-
V
Series Connection
500
-
-
V
Forward Voltage
VF
Single Diode
IF=100mA
-
-
1.0
V
Series Connection
--
2.0
V
Single Diode
IF=200mA
-
-
1.25
V
Series Connection
--
2.5
V
Reverse Current
IR
VR=VR max
-
-
100
nA
DYNAMIC CHARACTERISTICS
Diode Capacitance
Cd
Single Diode
VR=0V,f=1MHz
-
-
5.0
pF
Series Connection
--
2.5
pF
Reverse Recovery Time When Switched
trr
IF=30mA to IR=30mA
-
-
50
ns
From
RL=100 ohms,
measured@ IR=3mA
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com