Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV23S Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAV23S
Description  SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAV23S Datasheet(HTML) 1 Page - Continental Device India Limited

  BAV23S Datasheet HTML 1Page - Continental Device India Limited BAV23S Datasheet HTML 2Page - Continental Device India Limited BAV23S Datasheet HTML 3Page - Continental Device India Limited BAV23S Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
BAV23S
SOT-23
MARKING:- L31
DESCRIPTION
BAV23S Consists of Two Planar Epitaxial High-Speed Diodes in One Microminiature Plastic Envelope
Intended for Surface Mounting. The Device is Designed for Switching & General Applications.
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
VR
Single Diode
200
V
Series Connection
400
V
Repetitive Peak Reverse Voltage
VRRM
Single Diode
250
V
Series Connection
500
V
Forward Current (DC)
IF(AV)
Single Diode
225
mA
Series Connection
125
mA
Repetitive Peak Forward Current
IFRM
Single Diode
625
mA
Series Connection
450
mA
Non Repetitive Peak Forward Current t=1s
IFSM
Single Diode
0.5
A
Series Connection
0.4
A
Non Repetitive Forward Current t=1us
IFSM
Single Diode
2.5
A
Series Connection
1.5
A
Power Dissipation
Ptot
300
mW
Storage Temprature Range
Tstg
-65 to 150
deg C
Junction Temperature
Tj
150
deg C
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)*
500
K/W
*Mounted on FR4 Printboard
3
Pin Configuration
1 = ANODE
2 =
3 =
CATHODE
CATHODE
ANODE/
1
2
Continental Device India Limited
Data Sheet
Page 1 of 4
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAV23S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV23S PHILIPS-BAV23S Datasheet
52Kb / 8P
General purpose double diode
1999 May 05
logo
Transys Electronics
BAV23S TRSYS-BAV23S Datasheet
144Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Fairchild Semiconductor
BAV23S FAIRCHILD-BAV23S Datasheet
40Kb / 5P
HIGH VOLTAGE GENERAL PURPOSE DIODE
logo
Diodes Incorporated
BAV23S DIODES-BAV23S Datasheet
172Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 7 - 2
BAV23S DIODES-BAV23S Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 11 - 2
More results

Similar Description - BAV23S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS118 HITACHI-1SS118 Datasheet
17Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Continental Device Indi...
CMBD4150 CDIL-CMBD4150 Datasheet
160Kb / 3P
SILICON PLANAR EPITAXIAL HIGH SPEED DIODE
logo
Renesas Technology Corp
HSM2836C RENESAS-HSM2836C Datasheet
148Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSB123 RENESAS-HSB123 Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
TRANSYS Electronics Lim...
1N4151 TEL-1N4151 Datasheet
151Kb / 2P
SILICON PLANAR EPITAXIAL HIGH SPEED DIODE
BAS29 TEL-BAS29 Datasheet
53Kb / 2P
SILICON PLANAR EPITAXIAL HIGH-SPEED DIODE
logo
Renesas Technology Corp
HSB2836 RENESAS-HSB2836 Datasheet
85Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
1SS84 HITACHI-1SS84 Datasheet
21Kb / 3P
Silicon Epitaxial Planar Diode for High Speed Switching
logo
Continental Device Indi...
1N4151 CDIL-1N4151 Datasheet
227Kb / 3P
SILICON PLANAR EPITAXIAL HIGH SPEED DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com