Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT85 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAT85
Description  SCHOTTKY BARRIER RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAT85 Datasheet(HTML) 1 Page - Continental Device India Limited

  BAT85 Datasheet HTML 1Page - Continental Device India Limited BAT85 Datasheet HTML 2Page - Continental Device India Limited BAT85 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
SCHOTTKY BARRIER RECTIFIER
BAT85
DO
-35
Glass Axial Package
For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications.
ABSOLUTE MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA = 25
oC unless specified otherwise)
Single phase, half wave, resistive or inductive load. For capacitive load, derate current by 20%.
Repetative Peak Reverse Voltage
VR
30
V
Forward continuous Current at TA = 25ºC
IF
200
(1)
mA
Repetative Peak Forward Current at TA = 25ºC
IFM
300
(1)
mA
Surge forward current at tp < 10ns
Ptot
200
(1)
mW
Tj
125
oC
TA
-65 to +125
oC
Tstg
-65 to +150
oC
Symbol
Min.
Typ.
Max Units
V (BR) R
30
V
V F
0.24
V
V F
0.32
V
V F
0.40
V
V F
0.50
V
V F
0.80
V
I R
2µA
C j
10
pF
t rr
5ns
R ӨjA
300
(1)
K/W
BAT85 Rev180805D
(1) Valid, provided that leads at a distance of 4mm from case are kept at ambient temperature.
(1) Valid, provided that leads at a distance of 4mm from case are kept at ambient temp.
I R = 10 mA to I R = 1 mA
with 100µA pulses
UNIT
mA
IFSM
Leakage current VR = 25V
at IF = 30mA
at IF = 100mA
DESCRIPTION
at IF = 10mA
Junction Temperature
Storage Temperature Range
Forward Voltage
Pulse test tp <300µs
at IF = 0.1mA
at IF = 1mA
Junction Capacitance at VR = 1V, f = 1MHZ
Reverse recovery time from I F = 10 mA to
Thermal resistance junction to ambient Air
VALUE
600
(1)
Ambient Operating Temperature Range
Reverse breakdown voltage tested
TA=25
oC
ELECTRICAL CHARACTERSTICS
Power Dissipation at TA = 65ºC
SYMBOL
Continental Device India Limited
Data Sheet
Page 1 of 3


Similar Part No. - BAT85

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT85 PHILIPS-BAT85 Datasheet
30Kb / 6P
Schottky barrier diode
1996 Mar 20
logo
General Semiconductor
BAT85 GE-BAT85 Datasheet
41Kb / 2P
Schottky Diodes
logo
Micro Commercial Compon...
BAT85 MCC-BAT85 Datasheet
163Kb / 1P
BAT85 SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
BAT85 BILIN-BAT85 Datasheet
55Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT85 GOOD-ARK-BAT85 Datasheet
127Kb / 2P
Small-Signal Diode
More results

Similar Description - BAT85

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com