Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT42 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # BAT42
Description  SILICON PLANAR SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAT42 Datasheet(HTML) 2 Page - Continental Device India Limited

  BAT42 Datasheet HTML 1Page - Continental Device India Limited BAT42 Datasheet HTML 2Page - Continental Device India Limited BAT42 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAT42
BAT43
DO- 35
Glass Axial Package
BAT42_43Rev300105E
DO-35, 52mm Taping Specification
On request also available in 26 mm Tape and Ammo Pack
DO-35 Glass Axial Package
DO-35 T&A
5K/ammobox
0.88kg/5K pcs
10"x3.5"x3.5"
5.0K
12.7" x 12.7"x20"
125.0K
25kgs
PACKAGE
NetWeight/Qty
Details
STANDARDPACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
GrWt
Size
Size
Packing Detail
NOTES
1. Cathode is marked by Band.
2. All dimensions are in mm.
A
B
A
DIM
MIN
MAX
A
25.40
—
B
3.03
4.44
C
0.46
0.56
D
1.52
2.29
1.5 R MAX.
5.50
4.50
52.0
48.0
11 DIODES
All dimensions in mm.
LABEL
255
.0 m
m
TAPES
LEADER
6.0 ±1.0
±1.0
±2.0
52.0
6.0
FEE
D
52 mm Taping Specification
T & A indicates Axial Tape & Ammo packing (52 mm
Tape Spacing).
300 mm (min) leader tape on every spool.
No. of empty places allowed 0.25% without
consecutive empty places.
Ends of leads shall preferably not protrude beyond
the tapes.
5.
tapes so that they can not come free in normal
handling.
DO-35:- 5000 pcs./Ammo Pack
DIODE AMMO PACK
73.5
mm
Components shall be held sufficiently in the tape or
4.
3.
2.
1.
Continental Device India Limited
Data Sheet
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com