Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT42 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAT42
Description  SILICON PLANAR SCHOTTKY DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAT42 Datasheet(HTML) 1 Page - Continental Device India Limited

  BAT42 Datasheet HTML 1Page - Continental Device India Limited BAT42 Datasheet HTML 2Page - Continental Device India Limited BAT42 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR SCHOTTKY DIODES
BAT42
BAT43
DO- 35
Glass Axial Package
General Purpose Metal to Silicon Diodes Featuring Very Low Turn-on Voltage and Fast Switching
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Repetitive Peak Reverse Voltage
VRRM
V
Forward Current (DC)
*IF
mA
Repetitive Peak Forward Current tp <1s
δδ <0.5
*IFRM
mA
Surge Non Repetitive Forward Current
tp<10ms
*IFSM
A
Power Dissipation Ta=65ºC
PD
mW
Storage Temperature Range
Tstg
oC
Junction Temperature
Tj
oC
Maximum Lead Temperature for
Soldering during 10s at 4mm from case
TL
oC
THERMAL RESISTANCE
Junction to Ambient in free air
*Rth (j-a)
oC/W
*On infinite heat sink with 4mm lead length
ELECTRICAL CHARACTERISTICS (Tj=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Reverse Breakdown Voltage
V(BR)R
IR=100µA
30
V
Forward Voltage
**VF
IF=200mA
All Types
V
IF=10mA
BAT42
V
IF=50mA
BAT42
V
IF=2mA
BAT43
0.26
V
IF=15mA
BAT43
V
Reverse Current
**IR
VR=25V Tj=25ºC
µA
VR=25V
Tj=100ºC
µA
DYNAMIC CHARACTERISTICS
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
UNIT
Diode Capacitance
Cd
VR=1V, f=1MHz
pF
Reverse Recovery Time When Switched
From
trr
IF=10mA to IR=10mA,
measured at IRR=1mA,
RL=100Ω
ns
Detection Efficiency
π
v
RL=15KΩ , CL=300pF,
f=45MHz, VI=2V
80
%
BAT42_43Rev300105E
230
100
TYP 7.0
MAX
1.0
VALUE
30
200
4.0
500
200
- 65 to +125
300
- 65 to +150
Pulse test: tp=300
µµs δδ <2%
5
0.5
MAX
0.40
0.65
0.33
0.45
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAT42

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT42 STMICROELECTRONICS-BAT42 Datasheet
89Kb / 4P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
logo
Diodes Incorporated
BAT42 DIODES-BAT42 Datasheet
50Kb / 1P
SCHOTTKY BARRIER SWITCHING DIODE
DS11001 Rev. G-2
logo
General Semiconductor
BAT42 GE-BAT42 Datasheet
42Kb / 2P
Schottky Diodes
logo
Galaxy Semi-Conductor H...
BAT42 BILIN-BAT42 Datasheet
165Kb / 2P
SMALL SIGNAL SCHOTTKY DIODES
logo
GOOD-ARK Electronics
BAT42 GOOD-ARK-BAT42 Datasheet
56Kb / 1P
Small-Signal Diode
More results

Similar Description - BAT42

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
BAT64 CDIL-BAT64 Datasheet
139Kb / 4P
SILICON PLANAR SCHOTTKY DIODES
logo
Rectron Semiconductor
BAT42 RECTRON-BAT42 Datasheet
123Kb / 2P
SILICON PLANAR SCHOTTKY DIODES
BAT43 RECTRON-BAT43 Datasheet
123Kb / 2P
SILICON PLANAR SCHOTTKY DIODES
logo
Continental Device Indi...
BAT54A CDIL-BAT54A Datasheet
141Kb / 4P
SILICON PLANAR SCHOTTKY DIODES
BAT54 CDIL-BAT54 Datasheet
133Kb / 3P
SILICON PLANAR SCHOTTKY DIODES
BAT42WS CDIL-BAT42WS Datasheet
378Kb / 4P
SILICON PLANAR SCHOTTKY BARRIER DIODES
BAT42W CDIL-BAT42W Datasheet
300Kb / 4P
SILICON PLANAR SCHOTTKY DIODES
logo
Diodes Incorporated
ZUMD7004 DIODES-ZUMD7004 Datasheet
37Kb / 1P
SOT323 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
NOVEMBER 1998
logo
List of Unclassifed Man...
BAS7004TA ETC2-BAS7004TA Datasheet
47Kb / 1P
SOT23 SILICON PLANAR DUAL SCHOTTKY BARRIER DIODES
logo
AiT Semiconductor Inc.
BAT54XV2 AITSEMI-BAT54XV2 Datasheet
402Kb / 5P
SCHOTTKY DIODES SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com