Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS216WS Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAS216WS
Description  SILICON EPITAXIAL SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAS216WS Datasheet(HTML) 1 Page - Continental Device India Limited

  BAS216WS Datasheet HTML 1Page - Continental Device India Limited BAS216WS Datasheet HTML 2Page - Continental Device India Limited BAS216WS Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON EPITAXIAL SWITCHING DIODE
BAS216WS
SOD-323
PLASTIC PCAKAGE
Marking
BAS216WS=W2 with cathode band
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
UNIT
VRRM
V
VR
V
IF
mA
IFRM
mA
Non Repetitive Peak Forward Surge Current
IFSM
at t=1s
A
at t=1ms
A
at t=1
µµs
A
Power Dissipation
Ptot
mW
Junction Temperature
Tj
ºC
Storage Temperature Range
Tstg
- 65 to +150
ºC
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
MIN
MAX
UNIT
Forward Voltage
VF
0.715
V
0.855
V
1.0
V
1.25
V
Reverse Current
IR
30
nA
1.0
µA
30
µA
50
µA
DYNAMIC CHARACTERISTICS
Diode Capacitance
Ctot
VR=0V, f=1MHz
1.5
pF
.
BAS216WS Rev010410E
IF=150mA
VR=75V
0.5
1.0
4.0
Repetitive Peak Forward Current
IF=10mA
IF=50mA
Measured at IR=1mA
IF=10mA, to IR=10mA
RL=100 Ω
VALUE
85
250
500
150
200
75
Continuous Forward Current
Repetitive Peak Reverse Voltage
Reverse Voltage
Reverse Recovery Time
4.0
ns
trr
TEST CONDITION
IF=1mA
VR=25V
VR=25V, Tj=150ºC
VR=75V, Tj=150ºC
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAS216WS

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
BAS216WS SEMTECH_ELEC-BAS216WS Datasheet
319Kb / 3P
High Speed Switching Diode
More results

Similar Description - BAS216WS

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
IN4148 SSE-IN4148 Datasheet
15Kb / 1P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
XR-85 SSE-XR-85 Datasheet
12Kb / 1P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Continental Device Indi...
1N914WS CDIL-1N914WS Datasheet
64Kb / 3P
SILICON EPITAXIAL SWITCHING DIODE
logo
SEMTECH ELECTRONICS LTD...
BAS16WS SEMTECH_ELEC-BAS16WS Datasheet
294Kb / 3P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
BAS16 SEMTECH_ELEC-BAS16 Datasheet
177Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
MMBD142W SEMTECH_ELEC-MMBD142W Datasheet
188Kb / 2P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Kingtronics Internation...
1N4148WS KINGTRONICS-1N4148WS Datasheet
269Kb / 3P
Silicon Epitaxial Planar Switching Diode
1N4148WT KINGTRONICS-1N4148WT Datasheet
289Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Continental Device Indi...
1N4148W CDIL-1N4148W Datasheet
323Kb / 4P
SILICON EPITAXIAL SWITCHING DIODE
logo
Nanjing International G...
1N4148 DGNJDZ-1N4148 Datasheet
88Kb / 4P
Silicon Epitaxial Planar Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com