Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAS116
Description  SILICON PLANAR SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAS116 Datasheet(HTML) 1 Page - Continental Device India Limited

  BAS116 Datasheet HTML 1Page - Continental Device India Limited BAS116 Datasheet HTML 2Page - Continental Device India Limited BAS116 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR SWITCHING DIODE
BAS116
SOT-23
Formed SMD Package
Marking
BAS116 =JV
Low Leakage Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
UNIT
Continuous Reverse Voltage
VR
V
Repetitive Peak Reverse Voltage
VRRM
V
Forward Current (DC)
IF
mA
Non Repetitive Peak Surge Forward
Current
t=1
µµs
IFSM
A
t=1s
IFSM
A
Power Dissipation at Ta=54ºC
PD
mW
Junction Temperature
Tj
oC
Storage Temperature Range
Tstg
oC
Thermal Resistance
Junction to Soldering Point
*Rth (j-s)
K/W
*For calculation of Rth (j-a) please refer to application note thermal resistance
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Breakdown Voltage
V(BR)
I(BR)=100µA
85
V
Reverse Voltage Leakage Current
IR
VR=75V
5.0
nA
VR=75V, Ta=150ºC
80
nA
Forward Voltage
VF
IF=1mA
0.9
V
IF=10mA
1.0
V
IF=50mA
1.1
V
IF=150mA
1.25
V
Diode Capacitance
Cd
VR=0V, f=1MHz
2.0
pF
Reverse Recovery Time When Switched
from
trr
IF=10mA to
IR=10mA, RL100 Ω,
measured at IR=1mA
1.5
µs
VALUE
80
85
- 65 to +150
0.5
250
250
4.5
150
< 260
Pin Configuration
1 =
2 = NC
3 =
ANODE
CATHODE
3
1
2
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
BAS116 Rev140505E


Similar Part No. - BAS116

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS116 PHILIPS-BAS116 Datasheet
52Kb / 8P
Low-leakage diode
1999 May 26
logo
Siemens Semiconductor G...
BAS116 SIEMENS-BAS116 Datasheet
98Kb / 4P
Silicon Low Leakage Diode (Low-leakage applications Medium speed switching times Single diode)
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
44Kb / 2P
Introducing Very Low Leakage SOT-23 Diodes:
DS30233 Rev. 9 - 2
logo
Infineon Technologies A...
BAS116 INFINEON-BAS116 Datasheet
444Kb / 4P
Silicon Low Leakage Diode
Mar-10-2004
logo
Diodes Incorporated
BAS116 DIODES-BAS116 Datasheet
344Kb / 3P
SURFACE MOUNT LOW LEAKAGE DIODE
DS30233 Rev. 7 - 2
More results

Similar Description - BAS116

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
IN4148 SSE-IN4148 Datasheet
15Kb / 1P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
XR-85 SSE-XR-85 Datasheet
12Kb / 1P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Continental Device Indi...
CMBD4448 CDIL-CMBD4448 Datasheet
124Kb / 3P
SILICON PLANAR SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99 TEL-BAL99 Datasheet
94Kb / 2P
SILICON PLANAR SWITCHING DIODE
BAS16 TEL-BAS16 Datasheet
103Kb / 2P
SILICON PLANAR SWITCHING DIODE
logo
Kingtronics Internation...
1N4148WS KINGTRONICS-1N4148WS Datasheet
269Kb / 3P
Silicon Epitaxial Planar Switching Diode
1N4148WT KINGTRONICS-1N4148WT Datasheet
289Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Continental Device Indi...
BAS16WS CDIL-BAS16WS Datasheet
192Kb / 3P
SILICON EXPITAXIAL PLANAR SWITCHING DIODE
BAS16 CDIL-BAS16 Datasheet
135Kb / 3P
SILICON PLANAR SWITCHING DIODE
BAL99 CDIL-BAL99 Datasheet
195Kb / 3P
SILICON PLANAR SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com