Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAL99 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BAL99
Description  SILICON PLANAR SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BAL99 Datasheet(HTML) 1 Page - Continental Device India Limited

  BAL99 Datasheet HTML 1Page - Continental Device India Limited BAL99 Datasheet HTML 2Page - Continental Device India Limited BAL99 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON PLANAR SWITCHING DIODE
BAL99
SOT-23
MARKING- TF
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Continuous Reverse Voltage
VR
70
V
Peak Forward Current
IF
100
mA
Total Device Dissipation FR-5 Board*
PD
225
mW
Ta=25 deg C
Derate Above=25 deg C
1.80
mW/deg C
Thermal Resistance Junction to Ambient
Rth(j-a)
556
deg C/W
Total Device Dissipation
PD
300
mW
Alumina Substrate,** Ta=25 deg C
Derate Above=25 deg C
2.40
mW/deg C
Thermal Resistance Junction to Ambient
Rth(j-a)
417
deg C/W
Junction & Storage Temperature
Tj, Tstg
-55 to +150
deg C
*FR-5=1.0 x 0.75 x 0.062 in.
** Alumina= 0.4 x 0.3 x 0.024 in 99.5% alumina
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless otherwise noted)
DESCRIPTION
SYMBOL TEST CONDITION
MIN
TYP
MAX
UNIT
Reverse Voltage Leakage Current
IR
VR=70V
-
-
2.50
uA
VR=25V, Tj=150 deg C
-
-
30
uA
VR=70V, Tj=150 deg C
-
-
50
uA
Reverse Breakdown Voltage
V(BR)
IR=100uA
70
-
-
V
Forward Voltage
VF
IF=1.0mA
-
-
715
mV
IF=10mA
-
-
855
mV
IF=50mA
-
-
1000
mV
IF=150mA
-
-
1250
mV
Recovery Current
QS
IF=10mA, VR=5V,
-
-
45
pC
RL=500 ohms
Diode Capacitance
CD
VR=0V, f=1MHz
-
-
1.5
pF
Reverse Recovery Time
trr
IF=IR=10mA,RL=
-
-
6.0
ns
100 ohms measured @
IR=1.0 mA
Forward Recovery Voltage
VFR
IF=10mA, tr=20ns
-
-
1.75
V
3
Pin Configuration
1 = NC
2 = ANODE
3 = CATHODE
1
2
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - BAL99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAL99 PANJIT-BAL99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAL99 PHILIPS-BAL99 Datasheet
55Kb / 12P
High-speed diode
1999 May 26
logo
Vishay Siliconix
BAL99 VISHAY-BAL99 Datasheet
51Kb / 4P
Surface Mount Switching Diode
01-Apr-99
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAL99 WTE-BAL99 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAL99

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
IN4148 SSE-IN4148 Datasheet
15Kb / 1P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
XR-85 SSE-XR-85 Datasheet
12Kb / 1P
SILICON EPITAXIAL PLANAR SWITCHING DIODE
logo
Continental Device Indi...
CMBD4448 CDIL-CMBD4448 Datasheet
124Kb / 3P
SILICON PLANAR SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99 TEL-BAL99 Datasheet
94Kb / 2P
SILICON PLANAR SWITCHING DIODE
BAS16 TEL-BAS16 Datasheet
103Kb / 2P
SILICON PLANAR SWITCHING DIODE
logo
Kingtronics Internation...
1N4148WS KINGTRONICS-1N4148WS Datasheet
269Kb / 3P
Silicon Epitaxial Planar Switching Diode
1N4148WT KINGTRONICS-1N4148WT Datasheet
289Kb / 3P
Silicon Epitaxial Planar Switching Diode
logo
Continental Device Indi...
BAS116 CDIL-BAS116 Datasheet
135Kb / 3P
SILICON PLANAR SWITCHING DIODE
BAS16WS CDIL-BAS16WS Datasheet
192Kb / 3P
SILICON EXPITAXIAL PLANAR SWITCHING DIODE
BAS16 CDIL-BAS16 Datasheet
135Kb / 3P
SILICON PLANAR SWITCHING DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com