Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA157 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # BA157
Description  FAST SWITCHING PLASTIC RECTIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

BA157 Datasheet(HTML) 1 Page - Continental Device India Limited

  BA157 Datasheet HTML 1Page - Continental Device India Limited BA157 Datasheet HTML 2Page - Continental Device India Limited BA157 Datasheet HTML 3Page - Continental Device India Limited BA157 Datasheet HTML 4Page - Continental Device India Limited BA157 Datasheet HTML 5Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FAST SWITCHING PLASTIC RECTIFIERS
BA157, BA158, BA159
DO-41 (Plastic)
Fast Switching Plastic
Rectifiers
Fast switching for higher efficiency
Absolute Maximum Ratings (Ratings at TA = 25oC unless specified otherwise, Single phase, half wave, 60Hz,
resistive or inductive load. For capacitive load, derate current by 20%.)
DESCRIPTION
SYMBOL
Maximum Recurrent Peak Reverse Voltage
VRRM
Maximum RMS Voltage
VRMS
Maximum DC Blocking Voltage
VDC
Maximum Average Forward Rectified
Current 0.375" (9.5mm) lead length at TA=55oC
Peak Forward Surge Current 8.3ms single
half sine wave superimposed on rated load
IFSM
(JEDEC method)
Maximum Forward Voltage at 1A
VF
Maximum Reverse Current
TJ = 25oC
at Rated DC Blocking Voltage
TJ = 100oC
Typical Junction Capacitance (Note 1)
CJ
Maximum Reverse Recovery Time (Note 2)
trr
Operating and Storage Temperature Range
TJ, Tstg
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0 VDC
2. Reverse Recovery Test Conditions : IF = 0.5A, IR = 1A, Irr =0.25A
BA157_159 Rev210503D
BA157
BA158
BA159
UNIT
V
1000
600
400
280
420
700
V
IF(AV)
V
1000
600
400
1.0
µA
µA
12
A
A
30
ns
oC
-55 to +150
pF
IR
1.3
5.0
150
250
500
V
Continental Device India Limited
Data Sheet
Page 1 of 5
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - BA157

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BA157 PANJIT-BA157 Datasheet
54Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 400 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
BA157 TRSYS-BA157 Datasheet
146Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
logo
Won-Top Electronics
BA157 WTE-BA157 Datasheet
48Kb / 3P
1.0A FAST RECOVERY RECTIFIER
logo
Semtech Corporation
BA157 SEMTECH-BA157 Datasheet
198Kb / 4P
FAST SIKICON RECTIFIERS
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - BA157

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
FR151 SEMTECH_ELEC-FR151 Datasheet
212Kb / 1P
FAST SWITCHING PLASTIC RECTIFIERS
1N4933 SEMTECH_ELEC-1N4933 Datasheet
141Kb / 1P
FAST SWITCHING PLASTIC RECTIFIERS
logo
Leshan Radio Company
BA157 LRC-BA157_15 Datasheet
200Kb / 7P
Fast Switching Plastic Rectifiers
BA157G LRC-BA157G_15 Datasheet
199Kb / 7P
Fast Switching Plastic Rectifiers
BA158 LRC-BA158_15 Datasheet
200Kb / 7P
Fast Switching Plastic Rectifiers
BA158G LRC-BA158G_15 Datasheet
199Kb / 7P
Fast Switching Plastic Rectifiers
BA159 LRC-BA159_15 Datasheet
352Kb / 3P
Fast Switching Plastic Rectifiers
BA159D LRC-BA159D_15 Datasheet
200Kb / 7P
Fast Switching Plastic Rectifiers
BA159DG LRC-BA159DG_15 Datasheet
199Kb / 7P
Fast Switching Plastic Rectifiers
BA159G LRC-BA159G_15 Datasheet
198Kb / 3P
Fast Switching Plastic Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com