Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC706P Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC706P
Description  關P Supervisory Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC706P Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC706P Datasheet HTML 1Page - Micrel Semiconductor MIC706P Datasheet HTML 2Page - Micrel Semiconductor MIC706P Datasheet HTML 3Page - Micrel Semiconductor MIC706P Datasheet HTML 4Page - Micrel Semiconductor MIC706P Datasheet HTML 5Page - Micrel Semiconductor MIC706P Datasheet HTML 6Page - Micrel Semiconductor MIC706P Datasheet HTML 7Page - Micrel Semiconductor MIC706P Datasheet HTML 8Page - Micrel Semiconductor MIC706P Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Micrel, Inc.
MIC706P/R/S/, MIC708R/S/T
Pin Description (Continued)
Pin Number
MIC706
Pin Number
MIC708
Pin Name
Pin Name
7
7
/RESET
/RESET is asserted if either VCC goes below the reset threshold voltage or by low
signal on the manual reset input (/MR). /RESET remains asserted for one reset
timeout period (200ms) after VCC exceeds the reset threshold voltage or after the
manual reset pin transition from low to high. The watchdog timer will not assert
/RESET unless /WDO is connected to /MR.
8
N/A
/WDO
Output for the watchdog timer. The watchdog timer resets itself with each transition
to the watchdog input. If the WDI pin is held high or low for longer than the
watchdog timeout period, /WDO is forced low. /WDO will also be forced low if VCC
is below the reset threshold voltage and will remain low until VCC returns to a valid
level.
7
(MIC706P)
8
RESET
RESET is the compliment of /RESET and is asserted if either VCC goes below the
reset threshold voltage or by a low signal on the manual reset input (/MR). RESET
is suitable for microprocessor systems that use active high reset.
May 28, 2014
3
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com