Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC706P Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC706P
Description  關P Supervisory Circuit
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC706P Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC706P Datasheet HTML 1Page - Micrel Semiconductor MIC706P Datasheet HTML 2Page - Micrel Semiconductor MIC706P Datasheet HTML 3Page - Micrel Semiconductor MIC706P Datasheet HTML 4Page - Micrel Semiconductor MIC706P Datasheet HTML 5Page - Micrel Semiconductor MIC706P Datasheet HTML 6Page - Micrel Semiconductor MIC706P Datasheet HTML 7Page - Micrel Semiconductor MIC706P Datasheet HTML 8Page - Micrel Semiconductor MIC706P Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
MIC706P/R/S/, MIC708R/S/T
Absolute Maximum Ratings
(1)
Terminal Voltage
VCC ......................................................... −0.3V to +6.0V
All Other Inputs. ...........................
−0.3V to (V
CC + 0.3V)
Input Current
VCC, GND ..............................................................25mA
Output Current (All) .....................................................20mA
Lead Temperature (soldering, 10s)............................ 300°C
Storage Temperature (TS)......................... −65°C to +150°C
Operating Ratings
(2)
Operating Temperature Range ................... –40°C to +85°C
Power Dissipation (SOP) ......................................... 400mW
Thermal Resistance
8-Pin SOIC.......................................................150°C/W
Electrical Characteristics
(3)
VCC = 2.70V to 5.5V for MIC70_P/R; VCC = 3.00V to 5.5V for MIC70_S; VCC = 3.15V to 5.5V for MIC70_T.
TA = Operating Temperature Range, bold values indicate –40°C
≤ TA ≤ +85°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Operating Voltage Range
1.4
5.5
V
Supply Current
30
µA
Reset Voltage Threshold
MIC70_P/R
2.55
2.63
2.70
V
MIC70_S
2.85
2.93
3.00
MIC70_T
3.00
3.08
3.15
Reset Threshold Hysteresis
20
mV
Reset Pulse Width (tRS)
140
200
280
ms
/RESET Output Voltage (MIC70_R/S/T)
ISOURCE = 200µA
0.8 × VCC
V
ISINK = 1.2mA
0.3
ISINK = 50µA, VCC = 1.4V
0.3
RESET Output Voltage (MIC706P)
ISOURCE = 200µA
0.8 × VCC
V
ISINK = 1.2mA
0.3
RESET Output Voltage (MIC708R/S/T)
ISOURCE = 200µA
0.8 × VCC
V
ISINK = 500µA
0.3
Watchdog Timeout Period (tWD)
1.0
1.6
2.25
s
WDI Minimum Input Pulse (tWP)
VIL = 0.4V, VIH = 80% of VCC
100
ns
VIL = 0.4V, VIH = 80% of VCC > 4.5V
50
WDI Threshold Voltage
VIH
0.7 × VCC
V
VIL
0.6
WDI Input Current
WDI = 0V or VCC
−1
1
µA
WDO Output Voltage
ISOURCE = 200µA
0.8 × VCC
V
ISINK = 500µA
0.3
/MR Pull-Up Current
/MR = 0V
20
250
600
µA
Notes:
1.
Exceeding the absolute maximum ratings may damage the device.
2.
The device is not guaranteed to function outside its operating ratings.
3.
Specification for packaged product only.
May 28, 2014
4
Revision 2.0



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com