Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSR-2R8334-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # KSR-2R8334-R
Description  Space Saving Surface Mount Supercapacitors for Hold-Up Memory Back-Up Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KSR-2R8334-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  KSR-2R8334-R Datasheet HTML 1Page - List of Unclassifed Manufacturers KSR-2R8334-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• Maintains Power For Memory Retention
High 0.20F to 0.33F capacitance maintains RTC and
volatile memory functions during power failures
and battery swap outs.
• Low Leakage Current
Ultra-low leakage current levels makes
the KS Series ideal for battery powered
equipment, minimizing additional loading
which maximizes hold-up time.
• Space Saving Sizes
Ideal for space-constrained applications, like
handheld equipment.
- The PowerStor® KS Series comes in an
industry-standard 6.8mm diameter package
that is only 2.8mm high
- The KSR slim line version is only 1.8mm high.
• Environmentally Friendly
The full line of KS Series supercapacitors are RoHS
compliant, lead free and present no disposal issues at
end of life.
Space Saving Surface
Mount Supercapacitors for
Hold-Up & Memory
Back-Up Applications
Introducing the PowerStor
®
KS Series of Low-Profile
2.8V and 3.3V SMT Coin Cell
Supercapacitors


Similar Part No. - KSR-2R8334-R

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
KSR-01IP MEANWELL-KSR-01IP Datasheet
102Kb / 3P
KNX IP Router
KSR-01IP MEANWELL-KSR-01IP Datasheet
104Kb / 3P
KNX IP Router
KSR-02IP MEANWELL-KSR-02IP Datasheet
104Kb / 3P
KNX IP Router
More results

Similar Description - KSR-2R8334-R

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NEXA NIC-NEXA Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXG NIC-NEXG Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEXM NIC-NEXM Datasheet
83Kb / 1P
Memory Back-Up Capacitors
NEXS NIC-NEXS Datasheet
116Kb / 1P
Memory Back-Up Capacitors
NEXT NIC-NEXT Datasheet
174Kb / 1P
Memory Back-Up Capacitors
NEZB NIC-NEZB Datasheet
124Kb / 2P
Memory Back-Up Capacitors
NEZBN NIC-NEZBN Datasheet
123Kb / 2P
Memory Back-Up Capacitors
NEZH NIC-NEZH Datasheet
138Kb / 2P
Memory Back-Up Capacitors
NEZHC NIC-NEZHC Datasheet
115Kb / 1P
Memory Back-Up Capacitors
NEZHL NIC-NEZHL Datasheet
125Kb / 2P
Memory Back-Up Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com