Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSR-2R8334-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # KSR-2R8334-R
Description  Space Saving Surface Mount Supercapacitors for Hold-Up Memory Back-Up Applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

KSR-2R8334-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  KSR-2R8334-R Datasheet HTML 1Page - List of Unclassifed Manufacturers KSR-2R8334-R Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cooper Bussmann
Description
Panasonic
Elna
KS-2R8334-R
0.33F, 2.8V SMT Coin Cell
-
DC-2R5ED224U-E (0.22F, 2.5V)
KS-3R3224-R
0.22F, 3.3V SMT Coin Cell
-
DCK-3R3ED224U-E
KSR-3R3204-R
0.2F, 3.3V SMT Low-Profile
EECEN0F204 Type RK
-
© 2008 Cooper Bussmann
St. Louis, MO 63178
636-394-2877
www.cooperbussmann.com
Reorder # 4023
0708-5M
P r i nted in USA
Catalog Symbol:
PowerStor® KS Series
Supercapacitor Specifications
Series
Voltage Rating
RoHS Compliant
Capacitance Value
(10 x 104 µF = 0.1F)
Top View
Side View
Quick Cross Reference:
Package Styles and Dimensions - mm
PCB Layout (mm):
KS Series:
KS/
KSR Slim Line:
KSR-3R3 224 -R
9.5
6.1
2.1
2.5
0.6
0.8
0.85
Specifications
KS
KSR
Working Voltage
2.8V
3.3V
3.3V
Nominal Capacitance Range
0.33F
0.22F
0.2F
Maximum Equivalent Series Resistance @ 1kHz
100
Ω
200
Ω
200
Ω
Capacitance Tolerance
-20% to +80% (20°C)
-20% to +80% (20°C)
-20% to +80% (20°C)
Operating Temperature Range
-25°C to +70°C
-10°C to +60°C
-10°C to +60°C
Series
Diameter
Height
KS
6.8
2.8
KSR (low-profile)
6.8
1.8
Order samples online - www.cooperbussmann.com
Cooper Bussmann PowerStor® supercapacitors are
unique, ultra-high capacitance devices utilizing
electrochemical double layer capacitor (EDLC)
construction combined with new, high performance
materials.
The PowerStor KS Series provides 2.8V and 3.3V
coin cell supercapacitors that combine small size
and ultra-low current leakage. These features make
the KS Series ideal for use in handheld and
portable battery-powered devices where space is
at a premium.
Typical Applications:
• Digital still cameras
• Portable data terminals
• GPS navigation
• MP3 players
• PDAs
• Solar watches and calculators
Packaging:
• KS Series - Bulk pack (1000 pieces per pack)
• KSR Series - Bulk pack (1000 pieces per pack)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com