Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2102 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT2102
Description  Wide 4.5V to 18V Operating Input Range
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2102 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT2102 Datasheet HTML 8Page - Active-Semi, Inc ACT2102 Datasheet HTML 9Page - Active-Semi, Inc ACT2102 Datasheet HTML 10Page - Active-Semi, Inc ACT2102 Datasheet HTML 11Page - Active-Semi, Inc ACT2102 Datasheet HTML 12Page - Active-Semi, Inc ACT2102 Datasheet HTML 13Page - Active-Semi, Inc ACT2102 Datasheet HTML 14Page - Active-Semi, Inc ACT2102 Datasheet HTML 15Page - Active-Semi, Inc ACT2102 Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
ACT2102
Rev 2, 23-May-12
®
Innovative PowerTM
- 12 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(L = 22µH, CIN = 100µF, COUT = 330µF, Ta = 25°C, RCOMP = 15k, CCOMP1 = 2.2nF, CCOMP2 = N/C)
0.94
0.93
0.92
0.91
0.9
0.95
FB Voltage vs. Load Current
FB Voltage vs. IC Temperature
0.926
0.923
0.92
0.917
0.914
0.911
0.929
0.932
Temperature (°C)
20
40
60
80
100
120
140
160
Shutdown Current vs. VIN
21
18
15
12
9
6
3
0
24
VIN Voltage (V)
6
8
10
12
14
18
16
20
Frequency vs. VIN
375
350
325
300
275
250
225
200
400
Frequency vs. FB Voltage
250
200
150
100
50
0
300
350
FB Voltage (V)
0
200
400
600
800
1000
Load Current (mA)
0
400
800
1200
1600
2000
VIN Voltage (V)
2
4
6
8
10
14
12
16
20
22
18
Load Current (mA)
10
100
1000
10000
80
75
70
65
60
55
85
90
95
100
VOUT = 5V
VIN = 7V
VIN = 12V
VIN = 18V
Efficiency vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com