Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2102 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT2102
Description  Wide 4.5V to 18V Operating Input Range
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2102 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT2102 Datasheet HTML 1Page - Active-Semi, Inc ACT2102 Datasheet HTML 2Page - Active-Semi, Inc ACT2102 Datasheet HTML 3Page - Active-Semi, Inc ACT2102 Datasheet HTML 4Page - Active-Semi, Inc ACT2102 Datasheet HTML 5Page - Active-Semi, Inc ACT2102 Datasheet HTML 6Page - Active-Semi, Inc ACT2102 Datasheet HTML 7Page - Active-Semi, Inc ACT2102 Datasheet HTML 8Page - Active-Semi, Inc ACT2102 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Innovative PowerTM
- 1 -
www.active-semi.com
Copyright © 2012 Active-Semi, Inc.
FEATURES
2A Output Current
Wide 4.5V to 18V Operating Input Range
Synchronous Buck Topology
Integrated 130mΩ Power MOSFET Switches
Output Adjustable from 0.923V to 12V
Up to 96% Efficiency
Stable with Low ESR Ceramic Output
Capacitors
Internal Soft Start
1.5mA Low Standby Input Current
High Light Load Efficiency
Cycle-by-Cycle Over Current Limit
Input Under Voltage Lockout
Hiccup Protection at Short Circuit and Over
Current
Frequency Fold Back Protection
Low Power Dissipation at Over Current and
Short Circuit
APPLICATIONS
LCD-TV
Set-top Box
Distributed Power Systems
Networking Systems
GENERAL DESCRIPTION
ACT2102 is a monolithic synchronous buck
regulator. The device integrates two 130mΩ
MOSFETs, and provides 2A of continuous load
current over a wide input voltage of 4.5V to 18V.
Current mode control provides fast transient
response and cycle-by-cycle current limit. Hiccup at
short circuit reduces IC temperatures.
An internal soft-start prevents inrush current at turn-
on, and in shutdown mode the supply current drops
to 10μA. Pulse-skipping mode at light load reduces
standby power down to 1.5mA.
This device, available in an 8-pin SOP package,
provides a very compact solution with minimal
external components.
ACT2102
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
®
Efficiency vs. Load Current
Load Current (mA)
10
100
1000
10000
80
75
70
65
60
55
85
90
95
100
VOUT = 5V
VIN = 7V
VIN = 12V
VIN = 18V


Similar Part No. - ACT2102

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT2102 ACTIVE-SEMI-ACT2102 Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
ACT2102SH-T ACTIVE-SEMI-ACT2102SH-T Datasheet
707Kb / 16P
18V/2A Step-Down DC/DC Converter
Rev 2, 23-May-12
More results

Similar Description - ACT2102

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8258GE RICHTEK-RT8258GE Datasheet
401Kb / 12P
Wide Operating Input Voltage Range : 4.5V to 24V
logo
ELMOS Semiconductor AG
E522.01 ELMOS-E522.01 Datasheet
1Mb / 25P
Wide input voltage range 4.5V to 40V
logo
Maxim Integrated Produc...
MAX17503 MAXIM-MAX17503 Datasheet
3Mb / 19P
Wide 4.5V to 60V Input Voltage Range
Rev 1; 4/14
logo
Rohm
BD9C401EFJ ROHM-BD9C401EFJ Datasheet
1Mb / 22P
4.5V to 18V Input, 4.0A Integrated MOSFET
BD9C501EFJ ROHM-BD9C501EFJ Datasheet
1,023Kb / 22P
4.5V to 18V Input, 5.0A Integrated MOSFET
BD9C601EFJ ROHM-BD9C601EFJ Datasheet
1,022Kb / 22P
4.5V to 18V Input, 6.0A Integrated MOSFET
logo
Maxim Integrated Produc...
MAXM15467 MAXIM-MAXM15467 Datasheet
747Kb / 10P
Wide 4.5V to 36V Input Range
Rev 0; 3/19
logo
Shenzhen Huazhimei Semi...
HM8114H HMSEMI-HM8114H Datasheet
749Kb / 8P
Wide 4.5V to 30V Operating input Range
logo
Guangdong Youtai Semico...
XL1509 UMW-XL1509 Datasheet
1Mb / 12P
Wide 4.5V to 40V Input Voltage Range
XL1509E UMW-XL1509E Datasheet
387Kb / 12P
Wide 4.5V to 40V Input Voltage Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com