Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2802 Datasheet(PDF) 8 Page - Active-Semi, Inc

Part # ACT2802
Description  5V/2.5A Backup Battery Pack Manager
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802 Datasheet(HTML) 8 Page - Active-Semi, Inc

Back Button ACT2802 Datasheet HTML 4Page - Active-Semi, Inc ACT2802 Datasheet HTML 5Page - Active-Semi, Inc ACT2802 Datasheet HTML 6Page - Active-Semi, Inc ACT2802 Datasheet HTML 7Page - Active-Semi, Inc ACT2802 Datasheet HTML 8Page - Active-Semi, Inc ACT2802 Datasheet HTML 9Page - Active-Semi, Inc ACT2802 Datasheet HTML 10Page - Active-Semi, Inc ACT2802 Datasheet HTML 11Page - Active-Semi, Inc ACT2802 Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ACT2802
Rev 0, 21-Jan-14
Innovative PowerTM
- 8 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ActiveSwitcher
TM is a trademark of Active-Semi.
FUNCTIONAL DESCRIPTION
ACT2802 is a complete battery charging and
discharging
power
management
solution
for
applications of single-cell lithium-based backup
battery pack or power bank. There is a power path
from input to output with programmable input
current limit. When output is over loaded, the input
switch Q1 starts going into linear mode and thus
output voltage starts to drop. If output voltage drops
below 4.25V, the input switch Q1 turns off and
restart in 2 seconds.
With the advanced ACT2802 architecture, a
synchronous buck/boost converter is connected
from VOUT to switching node (SW). With the
bidirectional architecture, the converter could be
configured as either buck to charge battery or boost
to discharge battery. With switching charger and
discharger, the higher charge current and higher
conversion efficiency are achieved.
Modes of Operation
ACT2802 has 3 operation modes: charge mode,
boost mode and high-impedance (HZ) mode. In
charge mode, the input current limit is enabled and
the Q2 and Q3 operate as a buck converter to
charge battery. In boost mode, Q2 and Q3 operate
as boost converter to step battery voltage up to +5V
at VOUT, and the current limit switch Q1 is turned
off, and the reverse current from VOUT to VIN is
blocked. In HZ mode, all the switches are turned off
and the drainage current from battery is very low.
The system operation flow chart as shown in Figure
1.
Any transitions between boost mode and charge
mode go through HZ mode by turning off all the
switches Q1-Q3 into HZ mode for 2 seconds before
enabling the other mode.
The modes are determined by HZ pin and VIN pin
as shown in the table 1. A valid VIN voltage forces
ACT2802 into charge mode. Boost mode is enabled
if HZ pin is pulled low and VIN is invalid or not
present. When HZ=0, if PB is pulled low for more
than 100ms, boost converter is enabled. A running
boost is disabled if one of the following conditions is
met:
1. After PB is released, if PB is pulled low for more
than 3 seconds.
2. Boost converter output current is below light
load threshold for 1.5 minutes.
3. Battery voltage falls below the boost cut-off
threshold.
FUNCTIONAL BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com