Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2802 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT2802
Description  5V/2.5A Backup Battery Pack Manager
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT2802 Datasheet HTML 8Page - Active-Semi, Inc ACT2802 Datasheet HTML 9Page - Active-Semi, Inc ACT2802 Datasheet HTML 10Page - Active-Semi, Inc ACT2802 Datasheet HTML 11Page - Active-Semi, Inc ACT2802 Datasheet HTML 12Page - Active-Semi, Inc ACT2802 Datasheet HTML 13Page - Active-Semi, Inc ACT2802 Datasheet HTML 14Page - Active-Semi, Inc ACT2802 Datasheet HTML 15Page - Active-Semi, Inc ACT2802 Datasheet HTML 16Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ACT2802
Rev 0, 21-Jan-14
Innovative PowerTM
- 12 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ActiveSwitcher
TM is a trademark of Active-Semi.
Input current limit at various resistor curve is shown
in Figure 7.
Battery Fast Charge Current
Battery fast charge current is set by a resistor
connected from ICST pin to AGND as shown in
Figure 8. Figure 9 gives out different fast charge
current with various RICST. The battery fast charge
current is estimated as the following equation:
Boost Output Constant Current
Boost output current is set by a resistor connected
from IOST pin to AGND as shown in Figure 10. The
boost output current is estimated as the following
equation:
Figure 11 gives out boost output current with
various RIOST.
Battery Impedance Compensation
An
external resistor is used to set the impedance
from 40mΩ to 500mΩ as shown in Figure 12. RIMC
is corresponding to battery impedance. Higher RIMC
gives higher compensation voltage which is
positively proportional to battery charge/discharge
current.
Select RIMC based on battery impedance:
The battery impedance as shown in the table 4
according to the RIMC and Rcs:
)
(m
cs
R
)
(m
R
)
(k
RIMC
25
)
(m
s
Rc
)
(k
R
A
(A)
I
OST
I
IOST
)
(
3
2
(5)
(7)
(4)
)
(
)
(
)
(
25
.
1
)
(
m
Rcs
k
R
A
A
Ic
ICST
Figure 10.
Boost output current setting circuit
(6)
Figure 12.
Battery impedance compensation setting circuit
3
10
)
(
)
(
)
(
)
(
-
BAT
BAT
m
R
A
I
V
BAT
V
V
Figure 8.
Battery fast charge current setting circuit
Figure 6.
Input current limit setting circuit
3.5
2.0
1.5
1.0
0.5
2.5
3.0
RILIM (kΩ)
0.6
1.0
1.4
1.8
2.2
2.6
3.0
Figure 7.
Input current limit setting
Figure 9.
Battery fast charge current setting
RICST (kΩ)
0
10
20
30
40
50
60
3.0
2.5
2.0
1.5
1.0
0.5
0
Figure 11.
Boost output current setting
2.5
2.0
1.5
1.0
0.5
0
3.0
RIOST (kΩ)
0
20
40
60
80
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com