Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2802QL-T Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT2802QL-T
Description  5V/2.5A Backup Battery Pack Manager
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802QL-T Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT2802QL-T Datasheet HTML 6Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 7Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 8Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 9Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 10Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 11Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 12Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 13Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
ACT2802
Rev 0, 21-Jan-14
Innovative PowerTM
- 10 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ActiveSwitcher
TM is a trademark of Active-Semi.
FUNCTIONAL DESCRIPTION
the end of charge (EOC) threshold, defined as 13%
of fast charge current. When this happens, the state
machine terminates the charge cycle and jumps to
the EOC state. 
End of Charge
When charges current decreases to 13% of set fast
charge current, the buck converter goes into end of
charge mode and keep monitoring the battery
voltage.
Recharge
When battery voltage drops by 200mV below the
end of charge voltage, the charger is reinitiated
with constant current charge.
A: PRECONDITION STATE
B: FAST-CHARGE STATE
C: TOP-OFF STATE
D: END-OF-CHARGE STATE
Figure 2.
Typical Li+ Charge Profile and ACT2802 Charge States
Figure 3.
Charger State Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com