Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2802QL-T Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT2802QL-T
Description  5V/2.5A Backup Battery Pack Manager
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2802QL-T Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT2802QL-T Datasheet HTML 9Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 10Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 11Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 12Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 13Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 14Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 15Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 16Page - Active-Semi, Inc ACT2802QL-T Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
ACT2802
Rev 0, 21-Jan-14
Innovative PowerTM
- 13 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
Active-Semi Confidential―Do Not Copy or Distribute
ActiveSwitcher
TM is a trademark of Active-Semi.
Table 4: Battery Impedance
Boost Output Plug-in Auto Detection
Figure 13 provides a solution for auto plug-in
detection.
Input Over Voltage Surge
In the case of pure ceramic input capacitor is
chosen, if the input cable is long, stray inductance
may cause over voltage spikes as twice as the
steady-state voltage when input source is plugged
in. Below input circuit is recommended to avoid
input voltage surge. R1 resistor is added in series
with capacitor C1 to damp the potential LC
resonance as shown in Figure 14.
External Input Over Voltage Protection
Considering the maximum voltage rating at VIN pin,
the external OVP circuit as shown in Figure 15 is
recommended if input voltage may go higher than
7V. With the enhanced OVP circuit, input voltage
can be up to 18V.
Flashlight Circuit
Figure 16 shows a circuit with flashlight driver and
control.
LEDs on in Boost Mode
LEDs can be always on during boost mode, the
schematic is shown in Figure17.
Inductor and Capacitor Selection
ACT2802 supports SMD components. 2.2uH
inductor is recommended. Input side, 4.7uF ceramic
capacitor
in
series
with
2.7Ω
resistor
are
recommended, on battery side, 22uF ceramic
capacitors is recommended while on output side,
22uFx2 ceramic capacitors are recommended.
Battery Temperature Monitoring
The
ACT2802
continuously
monitors
the
temperature of the battery pack by sensing the
resistance of its thermistor, and suspends charging
if the temperature of the battery pack exceeds the
safety limits.
In a typical application, the TH pin is connected to
the battery pack's thermistor input as shown in
Figure 18. The ACT2802 injects a 60µA current out of
the TH pin into the thermistor, so that the thermistor
resistance is monitored by comparing the voltage at
TH to the internal VTHL and VTHH thresholds of 0.3V
and 1.5V, respectively. When VTH > VTHH or VTH < VTHL
charging and the charge timers are suspended. When
VTH returns to the normal range, charging and the
charge timers resume.
The net resistance from TH to GND required to cross
RIMC(KΩ)
50
100
200
Battery
Impedance
R(mΩ)
Rcs=25mΩ
50
100
200
Rcs=50mΩ
100
200
400
Figure 13.
Boost output auto detection circuit
Figure 14. Input over voltage surge protection circuit
Figure 15.
Input over voltage protection
Figure 16. Flashlight circuit
Figure 17. LEDs on in boost mode circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com