Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R2B41 Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # E3S-R2B41
Description  Photoelectric Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2B41 Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button E3S-R2B41 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 9Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 10Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 11Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
E3S
E3S
10
E39-L2 Mounting Bracket
Applicable Photoelectric Sensors:
E3S-5E41, E3S-R2E41,
E3S-DS30E41
E39-L4 Mounting Bracket
Applicable Photoelectric Sensors:
E3S-2E41, E3S-DS10E41
E39-G1 Sensitivity Adjuster Knob
This accessory is attached to the following models:
E3S-5E4(41), E3S-DS30E4(41), E3S-R2E4(41),
E3S-LS10XE4, E3S-LS20XE4, E3S-GS1E4, E3S-GS3E4
Note:
This adjuster cannot be used with Models
E3S-2DE4(41) and E3S-DS10E4(41).
Two, M4 slotted
hexagonal bolts
9.3 dia.
13 dia.
Two, M3
screws
E39-S1 Slit
Applicable Photoelectric Sensors:
E3S-5E4, E3S-5E41 (see note 3)
Note:
1. Model E39-S2 can have any of four different dimensions:
11 x 0.5 mm, 11 x 1 mm, 11 x 2 mm, and 11 x 4 mm.
2. Two slits (one for the emitter and the other for the receiver) are used in pairs.
3. Dimensions in parentheses are without the Spacer.
Use the Spacer with the E3S-2E4(41) as shown above to prevent the supporter
and mounting bracket from touching each other when the optical axis is adjusted.
The Spacer is not usually necessary with the E3S-5E4(41) unless the
E3S-2E4(41) and E3S-5E4(41) are directly mounted together.
E39-S1
Spacer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com