Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3S-R2B41 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # E3S-R2B41
Description  Photoelectric Sensor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3S-R2B41 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E3S-R2B41 Datasheet HTML 1Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 2Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 3Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 4Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 5Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 6Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 7Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 8Page - Omron Electronics LLC E3S-R2B41 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
E3S
E3S
4
Operating Range
E3S-DS10E4(1)
E3S-5E4(41)(42)
E3S-R2E4(1)
Distance X (cm)
Distance X (cm)
Distance X (cm)
E3S-5E4S(1)
Distance X (cm)
Sensitivity
E3S-DS30E4(1)(2), E3S-DS10E4(1)
Size of object d (cm)
Distance X
Optical axis
Standard
object
(5
× 5 cm)
X
Optical axis
Standard
object
(5
× 5 cm)
X
Operating
position
Standard
sensing object
(10 x 10 cm)
E3S-DS30E4
(1)(2)
E3S-DS10E4 (1)
White mat paper
Object
d
d
Y
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com