Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4533 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT4533
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4533 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT4533 Datasheet HTML 7Page - Active-Semi, Inc ACT4533 Datasheet HTML 8Page - Active-Semi, Inc ACT4533 Datasheet HTML 9Page - Active-Semi, Inc ACT4533 Datasheet HTML 10Page - Active-Semi, Inc ACT4533 Datasheet HTML 11Page - Active-Semi, Inc ACT4533 Datasheet HTML 12Page - Active-Semi, Inc ACT4533 Datasheet HTML 13Page - Active-Semi, Inc ACT4533 Datasheet HTML 14Page - Active-Semi, Inc ACT4533 Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ACT4533
Rev 1, 25-Feb-13
Innovative Power
TM
- 11 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(L = 47µH, CIN = 10µF, COUT = 47µF, Ta = 25°C, RCOMP = 2.2k, CCOMP1 = 4.7nF, CCOMP2 = 47pF)
Load Current (mA)
0
500
1000
1500
2000
2500
95
90
85
80
75
70
Efficiency vs. Load current
2260
2220
2200
2180
2160
2140
2120
2240
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
140
CC Current vs. Temperature
CC Current vs. Input Voltage
2600
2500
2400
2300
2200
2100
Input Voltage (V)
8
12
16
20
24
28
36
32
Maximum Peak Current vs. Duty Cycle
5
4.5
4
3.5
3
2.5
Duty Cycle
20
30
40
50
60
70
80
90
VIN = 12V
VIN = 24V
Input Voltage (V)
7
12
17
22
27
37
32
Switching Frequency vs. Input Voltage
150
130
110
90
70
50
Switching Frequency vs. Feedback Voltage
150
100
50
0
Feedback Voltage (mV)
0
100
200
300
400
500
600
700
800
900
VOUT = 5V
VIN = 18V
VOUT = 4V
VOUT = 3V
VIN = 24V
VIN = 18V
VIN = 12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com