Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4533 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT4533
Description  Wide-Input Sensorless CC/CV Step-Down DC/DC Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4533 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT4533 Datasheet HTML 8Page - Active-Semi, Inc ACT4533 Datasheet HTML 9Page - Active-Semi, Inc ACT4533 Datasheet HTML 10Page - Active-Semi, Inc ACT4533 Datasheet HTML 11Page - Active-Semi, Inc ACT4533 Datasheet HTML 12Page - Active-Semi, Inc ACT4533 Datasheet HTML 13Page - Active-Semi, Inc ACT4533 Datasheet HTML 14Page - Active-Semi, Inc ACT4533 Datasheet HTML 15Page - Active-Semi, Inc ACT4533 Datasheet HTML 16Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
ACT4533
Rev 1, 25-Feb-13
Innovative Power
TM
- 13 -
www.active-semi.com
Copyright © 2013 Active-Semi, Inc.
SW vs. Output Voltage Ripple
TYPICAL PERFORMANCE CHARACTERISTICS CONT’D
Start up with EN
Load transient (80mA-1A-80mA)
Short Circuit
VIN = 24V
VOUT = 5V
IOUT = 2.1A
CH1
CH2
CH1: SW, 10V/div
CH2: VOUT Ripple, 50mV/div
TIME: 4µs/div
VIN = 12V
VOUT = 5V
IOUT = 2.1A
CH1
CH2
CH1: EN, 2V/div
CH2: VOUT, 2V/div
TIME: 400µs//div
Start up with EN
CH1
CH2
CH1: EN, 2V/div
CH2: VOUT, 2V/div
TIME: 400µs//div
VIN = 12V
VOUT = 5V
IISET = 2.1A
CH1
CH2
CH1: VOUT, 100mV/div
CH2: IOUT, 1A/div
TIME: 400µs/div
Load Transient (1A-2.1A-1A)
CH1
CH2
CH1: VOUT, 100mV/div
CH2: IOUT, 1A/div
TIME: 400µs/div
VIN = 12V
VOUT = 5V
IISET = 2.1A
CH1
CH2
CH1: VOUT, 2V/div
CH2: IOUT, 1A/div
TIME: 100µs/div
VIN = 24V
VOUT = 5V
IISET = 2.1A
VIN = 12V
VOUT = 5V
IISET = 2.1A
(L = 47µH, CIN = 10µF, COUT = 47µF, Ta = 25°C, RCOMP = 2.2k, CCOMP1 = 4.7nF, CCOMP2 = 47pF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com