Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6204D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6204D
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6204D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6204D Datasheet HTML 2Page - STMicroelectronics L6204D Datasheet HTML 3Page - STMicroelectronics L6204D Datasheet HTML 4Page - STMicroelectronics L6204D Datasheet HTML 5Page - STMicroelectronics L6204D Datasheet HTML 6Page - STMicroelectronics L6204D Datasheet HTML 7Page - STMicroelectronics L6204D Datasheet HTML 8Page - STMicroelectronics L6204D Datasheet HTML 9Page - STMicroelectronics L6204D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
L6204
6/12
TRANSISTOR OPERATION
ON STATE
When one of the POWER DMOS transistors is ON it can be considered as a resistor RDS(ON) = 1.2Ω at
a junction temperature of 25°C.
In this condition the dissipated power is given by :
PON = RDS(ON) · IDS
2
The low RDS(ON) of the Multipower-BCD process can provide high currents with low power dissipation.
OFF STATE
When one of the POWER DMOS transistor is OFF the VDS voltage is equal to the supply voltage and only
the leakage current IDSS flows. The power dissipation during this period is given by :
POFF = VS · IDSS
TRANSITIONS
Like all MOS power transistors the DMOS POWER transistors have as intrinsic diode between their
source and drain that can operate as a fast freewheeling diode in switched mode applications.
During recirculation with the ENABLE input high, the voltage drop across the transistor is RDS(ON) . ID
and when the voltage reaches the diode voltage it is clamped to its characteristic.
When the ENABLE input is low, the POWER MOS is OFF and the diode carries all of the recirculation
current. The power dissipated in the transitional times in the cycle depends upon the voltage and current
waveforms in the application.
Ptrans = IDS(t) × VDS(t)
BOOTSTRAP CAPACITORS
To ensure the correct driving of high side drivers a voltage higher than VS is supplied on pin 20 (Vboot).
This bootstrap voltage is not needed for the lower power DMOS transistor because their sources are
grounded. To produce this voltage a charge pump method is used and mAde by two external capacitors
and two diodes. It can supply the 4 driving blocks of the high side drivers. Using an external capacitor the
turn-on speed of the high side driver is very high; furthermore with different capacitance values it is pos-
sible to adapt the device to different switching frequencies. It is also possible to operate two or more
L6204s using only 2 diodes and 2 capacitance for all the ICs; all the Vboot pins are connected to the Cs-
tore capacitance while the pin 11 (VCP) of just one L6204 is connect to Cpump, obviously all the L6204 ICs
have to be connected to the same VS. (see fig. 6)
Figure 3. Two Phase Chopping
IN1 = H
IN2 = L
EN1 = H
IN1 = L
IN2 = H
EN1 = H
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com