Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6204D Datasheet(PDF) 8 Page - STMicroelectronics

Part # L6204D
Description  DMOS DUAL FULL BRIDGE DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6204D Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L6204D Datasheet HTML 4Page - STMicroelectronics L6204D Datasheet HTML 5Page - STMicroelectronics L6204D Datasheet HTML 6Page - STMicroelectronics L6204D Datasheet HTML 7Page - STMicroelectronics L6204D Datasheet HTML 8Page - STMicroelectronics L6204D Datasheet HTML 9Page - STMicroelectronics L6204D Datasheet HTML 10Page - STMicroelectronics L6204D Datasheet HTML 11Page - STMicroelectronics L6204D Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
L6204
8/12
APPLICATION INFORMATION
RECIRCULATION
During recirculation with the ENABLE input high, the voltage drop across the transistor is RDS(ON). IL for
voltages less than 0.7 V and is clamped at a voltage depending on the characteristics of the source-drain
diode for greater voltages. Although the device is protected against cross conduction, current spikes can
appear on the current sense pin due to charge/discharge phenomena in the intrinsic source drain capac-
itances. In the application this does not cause any problems because the voltage created across the sense
resistor is usually much less than the peak value, although a small RC filter can be added if necessary.
POWER DISSIPATION (each bridge)
In order to achieve the high performance provided by the L6204 some attention must be paid to ensure
that it has an adequate PCB area to dissipate the heat. The first stage of any thermal design is to calculate
the dissipated power in the appl ication, for this example the half step operation shown in figure 7 is con-
sidered.
RISE TIME Tr
When an arm of the half bridge is turned on current begins to flow in the inductive load until the maximum
current IL is reached after a time Tr.
The dissipated energy EOFF/ON is in this case :
EOFF/ON = [RDS(ON) · IL
2 · Tr] · 2/3
Figure 7.
ON TIME TON
During this time the energy dissipated is due to the ON resistance of the transistors EON and the commu-
tation ECOM. As two of the POWER DMOS transistors are ON EON is given by :
EON = IL
2 · RDS(ON) · 2 · TON
In the commutation the energy dissipated is :
ECOM = VS · IL · TCOM · fSWITCH · TON
Where :
TCOM = Commutation Time and it is assumed that ;
TCOM = TTURN-ON = TTURN-OFF = 100 ns
fSWITCH = Chopper frequency
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com