Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8600 Datasheet(PDF) 39 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 39 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 35Page - Active-Semi, Inc ACT8600 Datasheet HTML 36Page - Active-Semi, Inc ACT8600 Datasheet HTML 37Page - Active-Semi, Inc ACT8600 Datasheet HTML 38Page - Active-Semi, Inc ACT8600 Datasheet HTML 39Page - Active-Semi, Inc ACT8600 Datasheet HTML 40Page - Active-Semi, Inc ACT8600 Datasheet HTML 41Page - Active-Semi, Inc ACT8600 Datasheet HTML 42Page - Active-Semi, Inc ACT8600 Datasheet HTML 43Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 39 -
www.active-semi.com
General Description
The step-up DC/DC is a highly efficient step-up
DC/DC converter that employs a fixed frequency,
current-mode, PWM architecture. This regulator is
optimized for 5V applications as well as white-LED
bias applications consisting of up to ten white-
LEDs.
5V Applications
The boost converter is configured by default to
provide a fixed 5V output voltage, without requiring
external feedback resistors. Contact the factory for
other voltage options.
In order to provide improved operation under very
low duty-cycle conditions, such as when operating
from a fully-charged Li+ cell to 5V, the boost
converter may optionally be configured to operate
at half of the frequency of the buck regulators.
Compensation and Stability
The boost regulator utilizes current-mode control
and an internal compensation network to optimize
transient performance, ease compensation, and
improve stability over a wide range of operating
conditions.
Inductor Selection
REG4 is optimized for operation with inductors in
the 4.7uH to 10uH range, although larger inductor
values of up to 22uH can be used to achieve the
highest possible efficiency.
Input and Output Capacitor Selection
For 5V operation, a 10uF ceramic capacitor should
be connected to the input and output of OUT4
respectively. A larger output capacitor may be used
to minimize output voltage ripple if needed.
Rectifier Selection
The boost regulator requires a Schottky diode to
rectify the inductor current. Select a low forward
voltage drop Schottky diode with a forward current
rating that is sufficient to support the maximum
switch current of 900mA (typ) and a sufficient peak
repetitive reverse voltage (VRRM) to support the
output voltage.
Configuration Options
Output Voltage Programming
By default, the boost regulator powers up and
regulates to its default output voltages. Once the
system is enabled, the output voltages may be
modified through either the I2C interface by writing to
the VSET[ ] register. Using I2C, the output voltage
may be programmed to any voltage as shown in
Table 6.
Enabling the Boost Regulator
The
boost
regulator
feature
independent
enable/disable control via the I2C serial interface.
Independently enable or disable the boost by
writing to the ON[ ] bit for REG4.
Power-OK
The boost regulator features a power-OK status bit
(OK[ ]) that can be read by the system
microprocessor via the I2C interface. If an output
voltage is lower than the power-OK threshold,
typically 6% below the programmed regulation
voltage, this bit clears to 0.
CONFIGURABLE STEP-UP DC/DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com