Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT8600 Datasheet(PDF) 40 Page - Active-Semi, Inc

Part # ACT8600
Description  Advanced PMU for Ingenic JZ4760/60B/70 Processors
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8600 Datasheet(HTML) 40 Page - Active-Semi, Inc

Back Button ACT8600 Datasheet HTML 36Page - Active-Semi, Inc ACT8600 Datasheet HTML 37Page - Active-Semi, Inc ACT8600 Datasheet HTML 38Page - Active-Semi, Inc ACT8600 Datasheet HTML 39Page - Active-Semi, Inc ACT8600 Datasheet HTML 40Page - Active-Semi, Inc ACT8600 Datasheet HTML 41Page - Active-Semi, Inc ACT8600 Datasheet HTML 42Page - Active-Semi, Inc ACT8600 Datasheet HTML 43Page - Active-Semi, Inc ACT8600 Datasheet HTML 44Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
ACT8600
Rev 3, 15-Nov-12
Copyright © 2012 Active-Semi, Inc.
Innovative Power
TM
ActivePMU
TM and ActivePathTM are trademarks of Active-Semi.
I
2CTM is a trademark of NXP.
- 40 -
www.active-semi.com
General Description
The REG5, REG6, REG7 and REG8 are low-noise,
low-dropout linear regulators (LDOs) that are
optimized for low noise and high-PSRR operation.
LDO Output Voltage Programming
The REG5, REG6, REG7 and REG8 feature
independently-programmable output voltages that
are set via the I2C serial interface, increasing
flexibility while reducing total solution and size and
cost. Set the output voltage by writing to the LDO’s
VSET[ ] register. Each LDO’s VSET[ ] register
provides the following output voltage options as
shown in Table 5.
In order to ensure safe operation under over-load
conditions, each LDO features current-limit circuitry
with current fold-back. The current-limit the current
that can be drawn from the output, providing
protection in overload conditions. For additional
protection under extreme over current conditions,
current-fold-back protection reduces the current-
limit by approximately 50% under extreme overload
conditions.
Enabling and Disabling the LDOs
All LDOs feature independent enable/disable
control via the I2C serial interface. Independently
enable or disable each output by writing to the
appropriate ON[ ] bit.
Power-OK
The REG5, REG6, REG7 and REG8 feature a
power-OK status bit (OK[ ]) that can be read by the
system microprocessor via the I2C interface. If an
output voltage is lower than the power-OK
threshold, typically 11% below the programmed
regulation voltage, this bit clears to 0.
Interrupts
Each LDO may optionally interrupt the processor if
its output voltage falls out of regulation. Enable
interrupts by setting a regulator’s nFLTMSK[ ] bit.
Optional LDO Output Discharge
The REG5, REG6, REG7 and REG8 feature
optional output voltage discharge. When this
feature is enabled, the LDO output is discharged to
ground through a 1.5kΩ resistance when the LDO is
shutdown. This feature may be enabled or disabled
via the I2C interface by writing to an LDO’s DIS[ ]
bit.
Output Capacitor Selection
The REG5, REG6, REG7 and REG8 require just a
small 2.2uF ceramic capacitor for stability. For best
performance, each output capacitor should be
connected directly between each output and
ground, with a short and direct connection. High
quality ceramic capacitors such as X7R and X5R
dielectric types are strongly recommended.
Backup Battery Charger
REG9 is always-on and REG10 is low-dropout
linear regulators (LDO). They both feature low-
quiescent
supply
current,
and
current-limit
protection, and are ideally suited for always-on
power supply applications, such as for a real-time
clock, or as a backup-battery or super-cap charger.
REG9 features internal circuitry that limits the
reverse supply current to less than 1uA when the
input voltage falls below the output voltage, as can
be
encountered
in
backup-battery
charging
applications. REG9 internal circuitry monitors the
input and the output, and disconnects internal
circuitry and parasitic diodes when the input voltage
falls below the output voltage, greatly minimizing
backup battery discharge. The always-ON LDOs
also feature a constant current-limit, which protects
the IC under output short-circuit conditions as well
as provides a constant charge current. When
operating as a backup battery charger.
Figure 3:
Always ON LDO
LOW-DROPOUT LINEAR REGULATORS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com