Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMB5341B Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # SMB5341B
Description  SURFACE MOUNT ZENER TYPE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SMB5341B Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  SMB5341B Datasheet HTML 1Page - PACELEADER INDUSTRIAL SMB5341B Datasheet HTML 2Page - PACELEADER INDUSTRIAL SMB5341B Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
o
MAXIMUM RATINGS (at TA=25 C unless otherwise noted)
thru
FEATURES
MECHANICAL DATA
SURFACE MOUNT ZENER TYPE
SURFACE MOUNT ZENER TYPE
Dimensions in inches and (millimeters)
www.paceleader.tw
SURFACE MOUNT ZENER DIODES
WATTS
SMB5341B
SMB5388B
5.0
SMB/DO-214AA
.130(3.30)
.155(3.94)
.006(.152)
.012(.305)
.200(5.08)
.004(.102)
.160(4.06)
.075(1.91)
.083(2.11)
.083(2.13)
.096(2.44)
.030(0.76)
.050(1.27)
.185(4.70)
.008(.203)
.220(5.59)
●
●
●
●
●
●
●
For use in stabilizing and
clipping circuits with high power
rating
Built-in strain relief
Low inductance
High peak reverse power dissipat
Lead (Pb)-free component
Low leakage
Glass passivated chip
●
●
●
●
●
Lead: Solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode en
Mounting position: Any
Epoxy: UL 94V-0 rate flame retardant
Case: Molded plastic
Note:
(1) TL = Lead temperature at 3/8 " (9.5mm) from body.
Storage Temperature Range
TSTG
- 55 to + 175
°C
Junction Temperature Range
TJ
- 55 to + 175
°C
Maximum Forward Voltage at IF = 1 A.
VF
1.2
Volts
DC Power Dissipation at TL = 50 °C (Note1)
PD
5.0
Watts
Parameter
Symbol
Value
UNIT


Similar Part No. - SMB5341B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMB5341B SUNMATE-SMB5341B Datasheet
505Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Dc Components
SMB5341B DCCOM-SMB5341B Datasheet
52Kb / 2P
RECTIFIER SPECIALISTS
logo
Jiangsu High diode Semi...
SMB5341B HDSEMI-SMB5341B Datasheet
1Mb / 5P
SMBK Plastic-Encapsulate Diodes
logo
Anova Technologies CO.,...
SMB5341B ANOVA-SMB5341B Datasheet
246Kb / 4P
Surface Mount Zener Diodes
SMB5341B ANOVA-SMB5341B Datasheet
244Kb / 4P
Surface Mount Zener Diodes
Nov-07-2018
More results

Similar Description - SMB5341B

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
MMSZ5221B PACELEADER-MMSZ5221B Datasheet
197Kb / 4P
SURFACE MOUNT ZENER TYPE
SMA4949A PACELEADER-SMA4949A Datasheet
241Kb / 2P
SURFACE MOUNT ZENER TYPE
SMA5921B PACELEADER-SMA5921B Datasheet
361Kb / 3P
SURFACE MOUNT ZENER TYPE
SMB5921B PACELEADER-SMB5921B Datasheet
381Kb / 2P
SURFACE MOUNT ZENER TYPE
SMC5342B PACELEADER-SMC5342B Datasheet
360Kb / 2P
SURFACE MOUNT ZENER TYPE
ZGFM052V4C-MH PACELEADER-ZGFM052V4C-MH Datasheet
210Kb / 4P
SURFACE MOUNT ZENER TYPE
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
SURFACE MOUNT ZENER TYPE
ZGF052V4C-MH PACELEADER-ZGF052V4C-MH Datasheet
210Kb / 4P
SURFACE MOUNT ZENER TYPE
ZGFM103V3-M PACELEADER-ZGFM103V3-M Datasheet
267Kb / 3P
SURFACE MOUNT ZENER TYPE
MMSZ2V4 PACELEADER-MMSZ2V4 Datasheet
233Kb / 4P
SURFACE MOUNT ZENER TYPE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com