Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3D02065 Datasheet(PDF) 2 Page - Cree, Inc

Part # C3D02065
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3D02065 Datasheet(HTML) 2 Page - Cree, Inc

  C3D02065 Datasheet HTML 1Page - Cree, Inc C3D02065 Datasheet HTML 2Page - Cree, Inc C3D02065 Datasheet HTML 3Page - Cree, Inc C3D02065 Datasheet HTML 4Page - Cree, Inc C3D02065 Datasheet HTML 5Page - Cree, Inc C3D02065 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
C3D02065E Rev. -
Electrical Characteristics
Symbol Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
ForwardVoltage
1.5
1.8
1.8
2.4
V
I
F=2ATJ=25°C
I
F=2ATJ=175°C
I
R
ReverseCurrent
10
20
50
100
μA
V
R = 650 V TJ=25°C
V
R = 650 V TJ=175°C
Q
C
TotalCapacitiveCharge
4.8
nC
V
R=650V,IF=2A
di/dt=500A/μs
T
J=25°C
C
TotalCapacitance
120
12
11
pF
V
R=0V,TJ=25°C,f=1MHz
V
R=200V,TJ=25˚C,f=1MHz
V
R=400V,TJ=25˚C,f=1MHz
Note:
1. Thisisamajoritycarrierdiode,sothereisnoreverserecoverycharge.
Thermal Characteristics
Symbol Parameter
Typ.
Unit
R
θ
JC
TO-252PackageThermalResistancefromJunctiontoCase
3.8
°C/W
Typical Performance
2.5
3.0
3.5
4.0
Current25C
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
ForwardVoltage
Current25C
Current75C
Current125C
Current175C
T
J =25°C
T
J =75°C
T
J =125°C
T
J =175°C
V
F Forward Voltage (V)
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0.0
0.5
1.0
1.52.02.53.0
Figure1.ForwardCharacteristics
Figure2.ReverseCharacteristics
6.0E-06
8.0E-06
1.0E-05
Current 25C
0.0E+00
2.0E-06
4.0E-06
0
100
200
300
400
500
600
700
800
Reverse Bias (V)
Current 25C
Current 75C
Current 125C
Current 175C
10
8
6
4
2
0
0100200300400500600700800
T
J =25°C
T
J =75°C
T
J =125°C
T
J =175°
V
R Reverse Voltage (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com