Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3D02065 Datasheet(PDF) 3 Page - Cree, Inc

Part # C3D02065
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3D02065 Datasheet(HTML) 3 Page - Cree, Inc

  C3D02065 Datasheet HTML 1Page - Cree, Inc C3D02065 Datasheet HTML 2Page - Cree, Inc C3D02065 Datasheet HTML 3Page - Cree, Inc C3D02065 Datasheet HTML 4Page - Cree, Inc C3D02065 Datasheet HTML 5Page - Cree, Inc C3D02065 Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
C3D02065E Rev. -
8
10
12
14
16
18
20
C3D02060A Current Derating
0
2
4
6
8
25
50
75
100
125
150
175
TC Case Temperature (˚C)
Figure3.CurrentDerating
Figure5.TransientThermalImpedance
Figure4.Capacitancevs.ReverseVoltage
Typical Performance
T
C Case Temperature (°C)
25
5075100125150175
20
18
16
14
12
10
8
6
4
2
0
20%Duty*
30%Duty*
50%Duty*
70%Duty*
DC
0
50
100
150
200
250
1
10
100
1000
VR Reverse Voltage (V)
V
R Reverse Voltage (V)
60
50
40
30
20
10
0
1
101001000
0
10
20
30
40
50
60
1
10
100
1000
V
R Reverse Voltage (V)
D3_2A_FP
D3_2A_FP
Time (s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com