Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX101077 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX101077
Description  Modular Connectors - Optimax Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX101077 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX101077 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX101077 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX101077 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MII Order #39 (China RoHS):
EUP 50
Telecommunications Standards:
TIA 568.C.3
Safety Listing:
ACA
Suitability
Suitability - Indoor:
Yes - Indoor
Transmission Characteristics (Connectivity)
Transmission Specifications:
Parameters
Specifications
Insertion Loss (Multimode and Single-mode) 0.3 dB (typical)
Reflectance (Multimode)
-30 dB (typical)
Reflectance (Single-mode)
-40 dB (guaranteed)
Notes (Overall)
Notes: Please see Installation Instruction Manual AX103148 (included in Installation Tool Kits, reference to NP271)
Notes (Cont'd.):
For Optimax termination on jacketed fibers, please use the appropriate
Accessory Kit LC - AX101984 SC - AX101794 ST - AX101793
Product Family
Part Number List:
Description
Belden Part Number
LC 62.5 µm, Multimode
AX101981
LC 50 µm, Multimode
AX101982
LC Single-mode
AX101983
SC 62.5 µm, Multimode
AX100029
SC 50 µm, Multimode
AX101077
SC Single-mode
AX101792
ST Compatible 62.5 µm, Multimode A0408835
ST Compatible 50 µm, Multimode
AX101075
ST Compatible Single-mode
AX101791
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
AX101077
1 EA
0.018 LB
OPTIMAX 50UM SC CONN.900UM KIT
Revision Number: 0
Revision Date: 12-03-2010
© 2012 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Page 2 of 2
09-04-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX101077 Modular Connectors - Optimax Connector



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com