Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX101077 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX101077
Description  Modular Connectors - Optimax Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX101077 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX101077 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX101077 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX101077 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
Description:
Optimax Field Installable Connector, SC, Multimode 50 µm (OM2-OM3), for 900 µm tight buffered fiber
Usage (Overall)
Suitable Applications:
Indoor termination of fiber cables: Patch panels, Communication outlets,
Fiber-to-the-desk, Distribution frames, Direct termination to equipment, Fiber
cable repair, Campus, Customer premise / Access network, Data Centers
Related Parts:
Accessory kit for jacketed termination, Installation Tool kits, Breakout kits
Physical Characteristics (Connectivity)
Dimensions
Dimensions:
Height (in.) Width (in.) Length (in.)
0.362
0.394
1.752
Materials
Materials:
Description
Type Material Color
Connector Body N/A
Plastic
Beige
Included Parts
Included Parts:
900 micron boot
Packaging
Packaging:
Individually packaged in a plastic bag. Standard pack of 5 units, 500 units/box
Mechanical Characteristics (Connectivity)
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Operating Temperature Range:
-10°C To +60°C
Mechanical Specifications:
Parameters
Specifications
Interconnection Compatibility
LC, SC and ST-Compatible connectors
Field Assembly Time
1 minute for 900 µm, 3 minutes for jacketed fiber
Durability (Multimode)
Less than 0.2 dB change, 500 cycles
Durability (Single-mode)
Less than 0.3 dB change, 500 cycles
Nominal Fiber OD
125 µm
Storage Temperature
-40°F to 149°F (-40°C to 65°C)
Operating Temperature
32°F to 145°F (0°C to 60°C)
Tensile Load on jacketed fiber
50 N (11.2 lbs. / 5.1 Kg)
Tensile Load on 900 micron tight buffered fiber 6.7 N (1.5 lbs. / 0.68 Kg)
Ferrule
Ceramic
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
07/01/2006
Page 1 of 2
09-04-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX101077 Modular Connectors - Optimax Connector


Similar Part No. - AX101077

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101077 ETC2-AX101077 Datasheet
534Kb / 14P
FiberExpress Connectors
AX101077 ETC2-AX101077 Datasheet
1Mb / 35P
Belden IBDN FiberExpress Systems
More results

Similar Description - AX101077

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM1R-616B44-35S-150 HIROSE-TM1R-616B44-35S-150 Datasheet
392Kb / 5P
MODULAR CONNECTORS
TM5RC-44 HIROSE-TM5RC-44 Datasheet
889Kb / 7P
MODULAR CONNECTORS
TM13R-44 HIROSE-TM13R-44 Datasheet
54Kb / 1P
MODULAR CONNECTORS
logo
List of Unclassifed Man...
AX103142 ETC2-AX103142 Datasheet
168Kb / 3P
Modular Connectors - Optimax Enhanced Installation Tool Kit
AX103147 ETC2-AX103147 Datasheet
135Kb / 3P
Modular Connectors - Optimax Enhanced Installation Tool Kit Upgrade
logo
Lumberg
253101 LUMBERG-253101 Datasheet
572Kb / 3P
Modular connectors
253301 LUMBERG-253301 Datasheet
527Kb / 3P
Modular connectors
254101 LUMBERG-254101 Datasheet
557Kb / 3P
Modular connectors
P129 LUMBERG-P129 Datasheet
1Mb / 3P
Modular connectors
P133 LUMBERG-P133 Datasheet
769Kb / 3P
Modular connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com