Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX101320 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX101320
Description  Modular Connectors - CAT6 Modular Jack - KeyConnect
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX101320 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX101320 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX101320 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX101320 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX101320 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Tool Compatibility:
Belden 110 Connecting Tool, MediaFlex Termination Station
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
Other Standards:
FCC Part 68, Subpart F, IEC 60603-7
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
07/01/2006
MII Order #39 (China RoHS):
EUP 50
Telecommunications Standards:
ISO/IEC 11801:2002 Ed.2
Third Party Performance Verification:
ETL - Verified Category 6
Safety Listing:
ACA, Bi-national Standard Listed
Suitability
Suitability - Indoor:
Yes - Indoor
Transmission Characteristics (Connectivity)
Mated Connection Table 1:
Frequency
(MHz)
Max.
Insertion Loss
TIA* (dB)
Max.
Insertion Loss
Belden** (dB)
Min.
NEXT
TIA* (dB)
Min.
NEXT
Belden** (dB)
Min.
FEXT
TIA* (dB)
Min.
FEXT
Belden** (dB)
1.000
0.100
0.100
75.000
77.000
75.000
77.000
4.000
0.100
0.100
75.000
77.000
71.100
75.100
8.000
0.100
0.100
75.000
77.000
65.000
69.000
10.000
0.100
0.100
74.000
77.000
63.100
67.100
16.000
0.100
0.100
69.900
72.900
59.000
63.000
20.000
0.100
0.100
68.000
71.000
57.100
61.100
25.000
0.100
0.100
66.000
69.000
55.100
59.100
31.250
0.110
0.100
64.100
67.100
53.200
57.200
62.500
0.160
0.120
58.100
61.100
47.200
51.200
100.000
0.200
0.160
54.000
57.000
43.100
47.100
200.000
0.280
0.240
48.000
51.000
37.100
41.100
250.000
0.320
0.280
46.000
49.000
35.100
39.100
300.000
0.310
44.500
37.600
Mated Connection Table - Footnote:
* TIA/EIA-568-B.2-1-2002 Category 6 Standard.
** Worst-case performance for a CAT6+ mated connection using CAT6+
modular plugs.
Mated Connection Table 2:
Frequency
(MHz)
Min.
Return Loss
TIA* (dB)
Min.
Return Loss
Belden** (dB)
Min.
Balanced TCL
TIA* (dB)
Min.
Balanced TCL
Belden** (dB)
1.000
30.000
32.000
40.000
42.000
4.000
30.000
32.000
40.000
42.000
8.000
30.000
32.000
40.000
42.000
10.000
30.000
32.000
40.000
42.000
16.000
30.000
32.000
40.000
42.000
20.000
30.000
32.000
40.000
42.000
25.000
30.000
32.000
40.000
42.000
31.250
30.000
32.000
38.100
42.000
62.500
28.100
32.000
32.100
36.100
100.000
24.000
28.000
28.000
32.000
200.000
18.000
22.000
22.000
26.000
250.000
16.000
22.000
20.000
24.000
300.000
18.500
22.500
Dielectric Strength:
1,000 V RMS @ 60 Hz for 1 minute
Current Rating:
1.500 A
Insulation Resistance:
50 M-Ohm Minimum
Max. Contact Resistance:
20 m-Ohm
Page 2 of 3
09-18-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX101320 Modular Connectors - CAT6+ Modular Jack - KeyConnect



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com